Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSG Datasheet(PDF) 3 Page - RFE international

Part # LSG
Description  Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LSG Datasheet(HTML) 3 Page - RFE international

  LSG Datasheet HTML 1Page - RFE international LSG Datasheet HTML 2Page - RFE international LSG Datasheet HTML 3Page - RFE international LSG Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Aluminum Electrolytic Capacitors
LSG Series: Snap-in Terminal Type, 105
°C
Page 3 of 4
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com 8-FEB-2023
V.D.C.
CODE
82 820 22 X 25 0.45
22 X 25 0.45
22 X 30 0.75 25 X 30 0.81
100 101 22 X 30 0.53
22 X 30 0.53 25 X 25 0.51
22 X 40 0.94 25 X 40 1.00
120 121 22 X 35 0.62 25 X 25 0.58
22 X 35 0.62
22 X 50 1.14 25 X 50 1.22
150 151 22 X 40 0.74
22 X 40 0.74 25 X 30 0.70
35 X 25 0.83
22 X 50 1.27 25 X 55 1.42
180 181 22 X 45 0.85 25 X 30 0.77
22 X 45 0.88 25 X 35 0.82 30 X 25 0.80
30 X 35 1.42
220 221 22 X 50 1.00 25 X 40 0.96 30 X 30 0.95
25 X 40 0.96 30 X 30 0.95
30 X 35 1.57 35 X 40 1.74
270 271 22 X 60 1.20 25 X 50 1.10 30 X 35 1.06 35 X 30 1.09
25 X 45 1.21 30 X 35 1.12
35 X 45 2.02
330 331
25 X 55 1.36 30 X 40 1.24 35 X 30 1.21
25 X 55 1.35 30 X 40 1.31 35 X 30 1.27
35 X 50 2.45
390 391
30 X 45 1.42 35 X 35 1.40 40 X 40 1.60
30 X 45 1.49 35 X 35 1.47 40 X 30 1.51
470 471
35 X 40 1.62 40 X 35 1.66
30 X 55 1.79 35 X 40 1.71 40 X 35 1.75
35 X 60 2.62
560 561
35 X 45 1.77 40 X 40 1.82
35 X 45 1.96 40 X 40 2.02
680 681
35 X 50 2.12 40 X 45 2.11
35 X 55 2.35 40 X 45 2.33
35 X 70 3.38
820 821
35 X 60 2.42 40 X 55 2.52
40 X 50 2.68
35 X 70 4.00
1000 102
35 X 70 3.08 40 X 60 2.88
40 X 60 3.03
35 X 80 4.68
1200 122
35 X 90 3.51 40 X 70 3.38
35 X 90 3.68 40 X 70 3.54
1500 152
45 X 80 4.49
420V
450V
22
25
30
35
40
45
500V
22
25
30
35
μF
22
25
30
35
40
V.D.C.
CODE
100 101
22 X 35 0.58
22 X 25 0.52
120 121
22 X 35 0.69 25 X 25 0.69
22 X 30 0.62 25 X 25 0.61
150 151
22 X 35 0.80
22 X 35 0.70 25 X 30 0.73
180 181 22 X 35 0.78
25 X 30 0.82 30 X 25 0.85
22 X 40 0.81 25 X 35 0.85 30 X 25 0.83
220 221 22 X 30 0.85 25 X 25 0.90
22 X 30 0.95 25 X 40 1.04 30 X 30 1.02 35 X 25 1.04
22 X 45 0.94 25 X 40 1.00 30 X 30 0.99
270 271 22 X 30 0.91 25 X 25 0.91 30 X 25 1.01
25 X 45 1.17 30 X 35 1.17 35 X 25 1.12
22 X 55 1.14 25 X 45 1.17 30 X 35 1.16 35 X 25 1.08
330 331 22 X 35 1.03 25 X 30 1.13 30 X 25 1.05
25 X 50 1.20 30 X 35 1.12 35 X 30 1.21
25 X 50 1.30 30 X 40 1.36
390 391 22 X 40 1.13 25 X 35 1.27 30 X 25 1.11
30 X 40 1.29
30 X 45 1.56 35 X 30 1.44
470 471 22 X 45 1.31 25 X 40 1.49 30 X 30 1.37 35 X 25 1.17
30 X 45 1.48 35 X 40 1.63
30 X 50 1.72 35 X 40 1.78
560 561
25 X 35 1.50 30 X 35 1.58 35 X 25 1.61
35 X 40 1.69 40 X 30 1.63
30 X 55 1.95 35 X 40 1.86 40 X 35 1.91
680 681
25 X 50 1.77 30 X 40 2.00 35 X 30 1.95
35 X 35 1.52 40 X 35 1.58
35 X 50 2.25 40 X 40 2.22
820 821
30 X 45 2.30 35 X 30 2.27
35 X 50 1.86 40 X 50 2.01
35 X 55 2.58 40 X 50 2.67
30 X 40 2.20
30 X 45 2.30
30 X 50 2.37 35 X 40 2.65
35 X 60 2.22 40 X 50 2.21
35 X 65 2.90 40 X 55 2.92
1200 122
30 X 55 2.71 35 X 45 3.05
40 X 55 2.52
35 X 75 3.00 40 X 60 3.00
1500 152
35 X 50 3.18
40 X 65 3.03
45 X 70 4.23
1800 182
35 X 60 3.76
45 X 80 4.92
2200 222
35 X 70 4.45
1000 102
400V
45
350V
22
25
30
35
40
22
25
30
35
40
μF
22
25
30
35
250V
V.D.C.
CODE
270 271
22 X 25 0.86
22 X 25 0.95
330 331
22 X 25 1.10
22 X 30 1.13 25 X 25 1.13
390 391
22 X 30 1.22 25 X 25 1.15
22 X 35 1.25 25 X 30 1.21 30 X 25 1.20
470 471
22 X 35 1.36 25 X 25 1.33
22 X 35 1.23 25 X 30 1.32 30 X 25 1.50
560 561
22 X 40 1.50 25 X 30 1.45 30 X 25 1.40
22 X 40 1.43 25 X 35 1.50 30 X 30 1.52 35 X 25 1.49
680 681
22 X 45 1.65 25 X 35 1.65 30 X 25 1.65
22 X 50 1.74 25 X 40 1.70 30 X 30 1.58 35 X 25 1.72
820 821 22 X 30 1.14
22 X 50 1.93 25 X 40 1.85 30 X 30 1.76 35 X 25 1.91
25 X 45 1.85 30 X 35 1.85 35 X 30 1.90
1000 102 22 X 30 1.26
25 X 45 2.20 30 X 35 2.02 35 X 30 2.44
25 X 55 2.13 30 X 40 2.06 35 X 30 2.01
1200 122 22 X 35 1.55 25 X 30 1.56 30 X 25 1.68
25 X 50 2.45 30 X 40 2.35 35 X 35 2.50
30 X 45 2.37 35 X 35 2.34
1500 152 22 X 40 1.78 25 X 35 1.80 30 X 25 1.76 35 X 25 1.98
30 X 45 2.82 35 X 40 2.70
30 X 50 2.77 35 X 40 2.76
1800 182 22 X 45 1.99 25 X 35 1.95 30 X 30 2.29 35 X 25 2.34
30 X 50 3.31 35 X 45 2.85
35 X 45 3.17
2200 222 22 X 50 2.21 25 X 40 2.15 30 X 30 2.12 35 X 25 2.27
35 X 55 3.82
2700 272
25 X 50 2.59 30 X 35 2.37 35 X 30 2.62
40 X 50 4.39
3300 332
30 X 40 2.77 35 X 35 2.99
3900 392
30 X 45 3.02 35 X 40 3.35
4700 472
35 X 40 3.30
5600 562
35 X 45 3.51
40
200V
160V
22
25
30
35
22
25
30
35
μF
100V
22
25
30
35



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com