Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSG Datasheet(PDF) 4 Page - RFE international

Part # LSG
Description  Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LSG Datasheet(HTML) 4 Page - RFE international

  LSG Datasheet HTML 1Page - RFE international LSG Datasheet HTML 2Page - RFE international LSG Datasheet HTML 3Page - RFE international LSG Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
t
n
e
rr
u
c
e
l
p
p
ir
d
e
t
a
R
:
R
I
t
n
e
rr
u
c
e
l
p
p
ir
l
a
u
t
c
A
:
A
I
0.0
0.5
1.0
1.5
2.0
2.5
3.0
40
50
60
70
80
90
100
110
Ambient Temperature( )
Lifetime
×32
×16
×8
×4
×2
×1
Multiplier
0.01
0.1
1
0
500
1,000
1,500
2,000
2,500
3,000
3,500
Time (Hours)
4700 F/50V-30 ×30L
1000 F/200V-35 ×35L
330 F/450V-35 ×45L
-20
-15
-10
-5
0
5
10
0
500
1,000
1,500
2,000
2,500
3,000
3,500
Time (Hours)
4700 F/50V-30 ×30L
1000 F/200V-35 ×35L
330 F/450V-35 ×45L
10
100
1,000
0
500
1,000
1,500
2,000
2,500
3,000
3,500
Time (Hours)
4700 F/50V-30 ×30L
1000 F/200V-35 ×35L
330 F/450V-35 ×45L
Aluminum Electrolytic Capacitors
LSG Series: Snap-in Terminal Type, 105
°C
Page 4 of 4
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
µ
µ
µ
µ
µ
µ
φ
φ
φ
φ
φ
φ
φ
φ
φ
µ
µ
µ
8-FEB-2023
TYPICAL ENDURANCE CURVES
USEFUL LIFE CHART



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com