Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MES Datasheet(PDF) 6 Page - RFE international

Part # MES
Description  Miniature Metallized Polyester Film Capacitor MES Series: Self Healing, Wide Voltage Range
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MES Datasheet(HTML) 6 Page - RFE international

  MES Datasheet HTML 1Page - RFE international MES Datasheet HTML 2Page - RFE international MES Datasheet HTML 3Page - RFE international MES Datasheet HTML 4Page - RFE international MES Datasheet HTML 5Page - RFE international MES Datasheet HTML 6Page - RFE international MES Datasheet HTML 7Page - RFE international MES Datasheet HTML 8Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MES Series: Self Healing, Wide Voltage Range
Miniature Metallized Polyester Film Capacitor
Page 6 of 8
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com 22-SEP-2023
Temperature:
Voltage charge �me:
Voltage charge:
≥9000MΩ
for C ≤ 0.33 μF
≥3000MΩ x μF
for C ˃ 0.33 μF
Performance:
Performance:
Capacitance change ΔC/C:
DF change Δtan δ:
Insula�on resistance:
≤ ± 10%
≤ 0.5% at 1KHz
≥ 50% at limit value
Bending: (Test Ub)
Performance:
While a load of 500g applied to the lead wire, the body of the capacitor shall bent 90˚ and returned to
the original posi�on. This opera�on shall be conducted in a few seconds. Then the body shall be bent
90˚ in the opposite direc�on and returned to the original posi�on.
There shall be no such mechanical damage as terminal damage, etc.
MECHANICAL CHARACTERISTICS
Terminal strength (Tes�ng method IEC 68-2-21)
Tensile: (Test UaI)
A load of 10N (1.0kg) shall be gradually applied to the terminal in the axial direc�on and held thus for
10 seconds.
Rapid change of temperature. (Tes�ng method IEC 68-2-21)
ELECTRICAL CHARACTERISTICS (continued)
The test capacitor shall be kept in the tes�ng oven and be kept at condi�ons of the following table, and it shall be repeated for 5 cycles
successfully. A�er the test, the capacitor shall be le� alone at the ordinary condi�ons for 2 hours.
Test condi�ons:
20˚C ±5˚C
1 minute
100 Vdc
Test voltage between terminals:
Dielectric strength:
Between terminal and enclosure
Method of the test as described below:
Put the 1mm diameter of small metallic balls in a vessel.
Performance:
The test capacitor shall be submerged with the small metallic balls. Distance of the metallic balls and the terminals shall be kept about
The test voltage shall be applied between the short-circuited terminals and the metallic balls
There should be no dielectric breakdown or other damage
Performance:
1.6 x Vg applied for 2 sec, at 20˚C ±5˚C (cut off current 10mA)
There shall be no dielectric breakdown or other damage.
Apply 200% of rated voltage between terminals and enclosure for 2 to 5 seconds.
Insula�on resitance between terminals



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com