Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MES Datasheet(PDF) 7 Page - RFE international

Part # MES
Description  Miniature Metallized Polyester Film Capacitor MES Series: Self Healing, Wide Voltage Range
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MES Datasheet(HTML) 7 Page - RFE international

  MES Datasheet HTML 1Page - RFE international MES Datasheet HTML 2Page - RFE international MES Datasheet HTML 3Page - RFE international MES Datasheet HTML 4Page - RFE international MES Datasheet HTML 5Page - RFE international MES Datasheet HTML 6Page - RFE international MES Datasheet HTML 7Page - RFE international MES Datasheet HTML 8Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MES Series: Self Healing, Wide Voltage Range
Miniature Metallized Polyester Film Capacitor
Page 7 of 8
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com 22-SEP-2023
Solder temperature:
245˚C ±5˚C
Immersion �me:
2.5 ± 0.5 seconds
Solder temperature:
260˚C ±5˚C
Immersion �me:
10 ± 1 second
Thickness of heat shunt
(printed wiring board) 1.6mm
Performance:
(Capacitance change
ΔC/C)
≤ ± 3%
DF change Δtan δ:
≤ ± 0.5% at 1 KHz
Bending strength:
There shall be no open or short-circui�ng and the connec�ons must be
stabilized.
Appearance:
There shall be no such mechanical damage as terminal damage, etc.
Performance:
(Capacitance change
ΔC/C)
≤ ± 5%
DF change Δtan δ:
≤ ± 0.5% at 1 KHz
Insula�on resistance: ≥ 50% of limit value
Performance:
(Capacitance change
ΔC/C)
≤ ± 10%
DF change Δtan δ:
≤ ± 0.5% at 1 KHz
Insula�on resistance: ≥ 50% of limit value
Solder bath method
Resistance to soldering heat: (Tes�ng method IEC 68-2-20 Tb)
And then the capacitor shall be subjected to standard atmospheric condi�ons for 1 to 2 hours, a�er
which measurement shall be made.
Electrical endurance: (Tes�ng method IEC 60384-2)
125% of category voltage shall be applied to the capacitor at a temperature of 110˚C ±2˚C for 1000
hours. And then the capacitor shall be subjected to standard atmospheric condi�ons for 1 to 2 hours,
a�er which measurement shall be made. The lead resistor in series with the capacitor shall be 20Ω to
1KΩ.
Vibra�on Proof: (Tes�ng method IEC 68-2-6 Fc)
The frequency shall be varied form from 10Hz to 55Hz at 1.5mm amplitude and back to 10Hz in
approximately 1 minute intervals. This mo�on shall be applied for a period of 2 hours in each of 3
mutually perpendicular direc�ons. During the last 20 min of vibra�on in each direc�on, checks shall
be made for open or short-circui�ng and interrup�on.
Damp heat (steady state): (Tes�ng method IEC 69-2-3 Ca)
The capacitor shall be stored at a temperature of 40 ±2˚C and rela�ve humidity of 90% to 95% for
1000 hours.
Performance:
At least 95% of the circumferen�al face of lead wire up to immersed lecvel shall be covered with new
solder.
ENDURANCE CHARACTERISTICS
Solderability: (Tes�ng method IEC 68-2-20 Ta)
Performance:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com