Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MES Datasheet(PDF) 8 Page - RFE international

Part # MES
Description  Miniature Metallized Polyester Film Capacitor MES Series: Self Healing, Wide Voltage Range
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MES Datasheet(HTML) 8 Page - RFE international

  MES Datasheet HTML 1Page - RFE international MES Datasheet HTML 2Page - RFE international MES Datasheet HTML 3Page - RFE international MES Datasheet HTML 4Page - RFE international MES Datasheet HTML 5Page - RFE international MES Datasheet HTML 6Page - RFE international MES Datasheet HTML 7Page - RFE international MES Datasheet HTML 8Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MES Series: Self Healing, Wide Voltage Range
Miniature Metallized Polyester Film Capacitor
Page 8 of 8
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com 22-SEP-2023
Temperature:
5˚C ~ 35˚C
Rela�ve Humidity:
≤ 70%
Storage Period:
≤ 12 months
It should be noted that the solderability of the terminals may be deteriorated when stored barely in an atmosphere for long periods.
It should not be located in par�cularly high temperature and high humidity, it must submit to the following condi�ons (Keeping in the
original package)
Capacitors shall avoid the condi�ons of being we�ed by water, oil, salt water and/or poisonous gases.
If using a capacitor past its storage �me, its characteris�cs should be tested or contact our technical engineer.
STORAGE CONDITIONS
(following the manufacturing date marked on the label in package bag)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com