Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPPN Datasheet(PDF) 2 Page - RFE international

Part # MPPN
Description  METALIZED POLYPROPYLENE FILM CAPACITORS MPPN Series: Power Factor Correction Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MPPN Datasheet(HTML) 2 Page - RFE international

  MPPN Datasheet HTML 1Page - RFE international MPPN Datasheet HTML 2Page - RFE international MPPN Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIMENSIONS (mm)
RATED VOLTAGE (Vrms) VS. FREQUENCY
MAX. DC & AC VOLTAGE VS TEMPERATURE
Temp. (°C)
1.2
0.8
1.0
0.6
0.2
0
40
50
60
70
80 85
90
95 100 105 110
0.4
1. Name or Symbol
2. Nominal Capacitance in µF
3. Capacitance Tolerance
4. DC, Rating, Voltage
5. Type Name
6. Date Code
6
3
2
1
5
4
RFE 1 0 4 J 1 0 1 3
45 0 M PPN
MARKING
Year: 11
2011, 12
2012, 13
2013
→
→
→
Week On: 01~53
Page 2 of 3
METALIZED POLYPROPYLENE FILM CAPACITORS
MPPN Series: Power Factor Correction Applications
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
Φ
Φ
1000.0
1
100.0
1
10.0
1
1.0
1
10
100
1000
Vrms
450Vdc / 200Vac
1f(KHz)
0.1
F P = 10
1µ
0.22 F P = 10
µ
0.47 F P = 15
µ
0.68 F P = 15
µ
1.0
F P = 15
µ
2.2
F P = 22.5
8µ
µ
µ
µ
µ
µ
µ
1000.0
1
100.0
1
10.0
1
1.0
1
10
100
1000
Vrms
630Vdc / 250Vac
1f(KHz)
0.68 F P = 15
µ
0.68 F P = 22.5
µ
1.0
F P = 15
2µ
1.0
F P = 22.5
7µ
1.0
F P = 27.5
8µ
1.5
F P = 27.5
8µ
2.2
F P = 27.5
8µ
µ
µ
µ
µ
µ
µ
µ
(µF)
Code
W
H
T
P
d
(µF)
Code
W
H
T
P
d
0.047
473
13.0
8.0
4.5
10
0.6
0.022
223
13.0
11
5
10
0.6
0.1
104
13.0
12.0
6.5
10
0.6
0.047
473
13.0
11
5.5
10
0.6
0.12
124
13.0
13.0
7.0
10
0.6
0.068
683
13.0
12
6
10
0.6
0.15
154
13.0
13.5
8.0
10
0.6
13.0
14
7
10
0.6
13.0
14.0
6.5
10
0.6
18.0
11
6
15
0.6
18.0
12.0
7.0
15
0.8
0.22
224
18.0
14
7
15
0.8
0.33
334
18.0
14.0
7.0
15
0.8
0.33
334
18.0
14
7
15
0.9
13.0
16.5
7.0
10
0.6
0.47
474
18.0
18
12
15
0.8
18.0
14.5
5.5
15
0.8
18.0
22
13
15
0.8
0.56
564
18.0
15.5
6.5
15
0.8
26.0
21.5
12
22.5
0.8
13.0
20.5
9.5
10
0.6
18.0
24
18.5
15
0.8
18.0
16.0
7.0
15
0.8
26.0
22
13
22.5
0.8
1.0
105
18.0
17.5
8.5
15
0.8
31.0
20
11
27.5
0.8
1.5
155
18.0
19.0
10.5
15
0.8
1.5
155
31.0
22.5
13
27.5
0.8
18.0
24.5
11.0
15
0.8
2.2
225
31.0
27.5
15
27.5
0.8
25.5
21.5
13.5
22.5
0.8
2.20
225
0.68
0.22
224
0.47
474
0.10
R.V.
450Vdc (2W)
630Vdc (2J)
1.00
684
105
R.V.
0.68
684
104
C1DC10
2015.10.30



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com