Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPPN Datasheet(PDF) 1 Page - RFE international

Part # MPPN
Description  METALIZED POLYPROPYLENE FILM CAPACITORS MPPN Series: Power Factor Correction Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MPPN Datasheet(HTML) 1 Page - RFE international

  MPPN Datasheet HTML 1Page - RFE international MPPN Datasheet HTML 2Page - RFE international MPPN Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
METALIZED POLYPROPYLENE FILM CAPACITORS
MPPN Series: Power Factor Correction Applications
• Self-healing property
• Excellent dv/dt
• RoHS Compliance
• Ultra-miniature Size
• Ideal for Power Factor correction
applications
SPECIFICATIONS
FEATURES
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
PERFORMANCE
RoHS
MPPN Series are constructed specifically for Power Factor
Correction (PFC) applications. Film was selected and
metalization applied specifically for PFC application
requirements.
INTRODUCTION
W max
T max
H max
20mm min
(or cust spec)
P + 1
3 Max
dΦ
PART NUMBER EXAMPLE
MPPN 104 K 2W 100 B 200 S
Page 1 of 3
Ώ
Ώ
Items
Operating Voltage Range
Rated Temperature
Usable Upper Category
Temperature
Capacitance Range
Capacitance Tolerance
P
220
160
350
250
Rated Voltage
Pulse Slope dV/dt
(V/µs)
450Vdc
630Vdc
100
160
27.5mm
115
-40 °C ~ +85°C
Dissipation Factor
Insulation Resistance
Terminal to Terminal
+3% (H), +5% (J), +10% (K)
> 3,000M
x µF for C > 0.33µF
> 9,000M
for C < 0.33µF
Performance
Withstand Voltage
Slow-up voltage speed: 100V/sec
Terminal to Terminal: (at 20 °C + 5°C)
450Vdc, 630Vdc
Voltage Charge: 100Vdc x 1min (at 20°C + 5°C)
+110°C
(Derating ratio of rated voltage over +85 °C ~ +110°C:
1.5% per °C of Rated Voltage)
0.022 µF ~ 2.2 µF
0.1% (max.) at 1KHz
1.2% (max.) at 10KHz
1.6 x VR applied for 2sec. (cut off current 10mA)
VR
10mm
15mm
22.5mm
|Δ
|
δ
δ
|Δ
|
|Δ
|
δ
Item
Test Methods
Requirements
Resistance to Soldering Heat
IEC 60068-2-20
Solder Bath: 260°C + 5°C
Immersion Time: 10sec + 1sec
Capacitance Change
C/C : <1%
DF Change tan : 0.1% at 1KHz
IR: > limit value
Resistance to Vibration
IEC 60068-2-6
Frequency Range: 10Hz to 55Hz
Amplitude: 1.5mm
Duration: 6 hours
There shall be no Visible Damage,
No Intermittent Contact,
No Open or Short Circuit
Damp Heat, Steady State
IEC 60068-2-3
Temperature: 40°C + 2°C
Relative Humidity: 90% to 95%
Duration: 1,000 hours
Capacitance Change
C/C : <3%
DF Change tan : 0.1% at 1KHz
IR: > 50% limit value
Electrical Endurance
IEC 60384-16
Temperature: 85°C + 2°C
Voltage Applied: 1.25 x Vr(DC)
Duration: 1,000 hours
Capacitance Change
C/C : <3%
DF Change tan : 0.1% at 1KHz
IR: > 50% limit value
Lead space*
* Leadspace is straight lead non-formed original leadspace.
C1DC10
2015.10.30


Similar Part No. - MPPN

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MPP DBLECTRO-MPP Datasheet
153Kb / 2P
Metallized Polyester Film Capacitor (Coating)
logo
Ferroxcube Internationa...
MPP FERROXCUBE-MPP Datasheet
62Kb / 4P
Material specification
logo
Illinois Capacitor, Inc...
MPP ILLINOISCAPACITOR-MPP Datasheet
167Kb / 2P
High Ripple Current ??Low ESR ??High Reliability
logo
RFE international
MPP RFE-MPP Datasheet
1Mb / 3P
Metalized Polypropylene Film Capacitors MPP Series: Radial Dipped
SEP-27-2023
logo
PowerData Technologies ...
MPP 2/0 POWERDATATECHNOLOGIES-MPP 2/0 Datasheet
172Kb / 1P
Modular under desk power & data products
More results

Similar Description - MPPN

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B2317A175 EPCOS-B25667B2317A175_08 Datasheet
292Kb / 8P
Film capacitors - Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175_08 Datasheet
344Kb / 8P
Film capacitors - Power Factor Correction
B25667B3247A175 EPCOS-B25667B3247A175_08 Datasheet
292Kb / 8P
Film capacitors - Power Factor Correction
B25667B5177A175 EPCOS-B25667B5177A175_08 Datasheet
291Kb / 8P
Film capacitors - Power Factor Correction
B25671A3247A375 EPCOS-B25671A3247A375 Datasheet
117Kb / 8P
Film Capacitors - Power Factor Correction
B25671A4002A540 EPCOS-B25671A4002A540 Datasheet
140Kb / 8P
Film Capacitors - Power Factor Correction
B25671A4012A000 EPCOS-B25671A4012A000 Datasheet
140Kb / 8P
Film Capacitors - Power Factor Correction
B25671A4032A040 EPCOS-B25671A4032A040 Datasheet
139Kb / 8P
Film Capacitors - Power Factor Correction
B25673A4282A140 EPCOS-B25673A4282A140_09 Datasheet
126Kb / 9P
Film Capacitors - Power Factor Correction
logo
RFE international
MBPN RFE-MBPN Datasheet
623Kb / 3P
METALIZED POLYPROPYLENE FILM CAPACITORS MBPN Series: Power Factor Correction, Box Type
2021.11.24
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com