Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPPN Datasheet(PDF) 3 Page - RFE international

Part # MPPN
Description  METALIZED POLYPROPYLENE FILM CAPACITORS MPPN Series: Power Factor Correction Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MPPN Datasheet(HTML) 3 Page - RFE international

  MPPN Datasheet HTML 1Page - RFE international MPPN Datasheet HTML 2Page - RFE international MPPN Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
PACKAGING CODE
Method Bulk Ammo Reel
Code
B
A
R
LEAD LENGTH FROM SEATING PLANE
mm
5
10
15
20
25
Code 050 100 150 200 250
Page 3 of 3
TAPE CODE (Lead spacing of tape, if taped)
Spacing 10mm 15mm
Packing
A
A
Code
RT3
RT4
LEAD STYLE CODE EXAMPLE
(Typical Straight Lead Length is 20mm for Bulk Pack)
Code S
2mm max
LL+1mm
5mm max
Code K
LL+1mm
Code K
(Kink-In/Stand Off)
5mm max
LL+1mm
Code I
5mm max
LL+1mm
Code I
(Form In)
Code F
(Form Out)
Code S
(Straight)
METALIZED POLYPROPYLENE FILM CAPACITORS
MPPN Series: Power Factor Correction Applications RoHS
MAXIMUM CURRENT, AMPS (rms)
MAXIMUM CURRENT, AMPS (rms)
450Vdc / 200Vac
630Vdc / 250Vac
CAP
(µF)
P
15.75
KHz
35
KHz
45
KHz
65
KHz
80
KHz
100
KHz
0.047
10
0.54 0.70 0.77 0.87 0.93 1.00
0.068
10
0.65 0.84 0.91 1.01 1.08 1.16
0.1
10
0.81 1.00 1.08 1.20 1.26 1.33
0.12
10
1.10 1.35 1.45 1.60 1.68 1.78
0.15
10
1.25 1.58 1.72 1.85 2.02 2.15
10
1.33 1.66 1.80 1.91 2.10 2.22
15
2.48 2.95 3.11 3.36 3.50 3.70
10
1.42 1.75 1.88 2.07 2.18 2.32
15
2.60 3.08 3.25 3.52 3.70 3.88
10
2.20 2.62 2.80 3.03 3.18 3.35
15
2.30 2.65 2.76 2.95 3.06 3.20
0.56
15
2.90 3.40 3.58 3.85 4.00 4.20
10
2.50 2.92 3.07 3.30 3.44 3.58
15
2.70 3.20 3.40 3.70 3.85 4.05
1.0
15
3.35 4.10 4.30 4.65 4.88 5.15
15
6.08 6.70 6.95 7.25 7.44 7.65
22.5 3.93 4.60 4.80 5.15 5.35 5.60
15
5.90 6.51 6.70 7.05 7.23 7.42
22.5 5.40 5.75 5.85 6.00 6.10 6.20
2.2
0.68
1.5
0.22
0.33
0.47
CAP
(µF)
P
15.75
KHz
35
KHz
45
KHz
65
KHz
80
KHz
100
KHz
125
KHz
100
KHz
7.5 0.212 0.300 0.340 0.400 0.440 0.480 0.540 0.580
10
0.245 0.350 0.395 0.460 0.510 0.560 0.620 0.680
0.015
10
0.275 0.390 0.440 0.520 0.570 0.630 0.700 0.750
0.022
15
0.485 0.610 0.650 0.720 0.760 0.810 0.860 0.910
0.033
10
0.575 0.710 0.770 0.850 0.900 0.950 1.010 1.060
0.047
10
0.570 0.790 0.880 1.010 1.100 1.200 1.300 1.400
10
0.960 1.250 1.350 1.500 1.600 1.700 1.800 1.900
15
0.860 1.100 1.200 1.330 1.420 1.520 1.650 1.750
10
0.970 1.250 1.350 1.550 1.650 1.750 1.900 2.000
15
1.280 1.600 1.700 1.880 1.980 2.100 2.250 2.350
0.33
15
2.600 3.300 3.600 4.050 4.300 4.650 5.000 5.250
0.47
15
2.750 3.500 3.800 4.250 4.550 4.880 5.250 5.550
15
3.800 4.700 5.100 5.650 5.950 6.350 6.750 7.080
22.5 3.100 3.400 3.500 3.700 3.800 3.900 4.000 4.150
15
5.000 5.530 5.700 5.950 6.100 6.300 6.500 6.650
22.5 4.400 4.900 5.100 5.350 5.500 5.600 5.750 5.900
27.5 3.450 3.600 3.650 3.700 3.750 3.800 3.830 3.850
1.5
27.5 4.900 5.100 5.150 5.250 5.350 5.380 5.450 5.500
2.2
27.5 6.110 6.350 6.480 6.530 6.620 6.700 6.800 6.900
1.0
0.01
0.068
0.10
0.68
C1DC10
2015.10.30



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com