Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD24121G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD24121G-AG6-R
Description  1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD24121G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD24121G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UD24121G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UD24121G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UD24121G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UD24121G-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD24121
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2022 Unisonic Technologies Co., Ltd
QW-R115-011.E
1.2A, 24V, 1.4MHz
STEP-DOWN CONVERTER
DESCRIPTION
The UTC UD24121 is a monolithic step-down switching mode
converter with a built-in power MOSFET. It regulates input voltages
from 4.5V to 24V down to an output voltage as low as 0.81V, and
supplies up to 1.2A of load current.
Current mode operation provides fast transient response and
eases loop stabilization. Fault condition protection includes
cycle-by-cycle current limiting and thermal shutdown.
The UTC UD24121 requires a minimum number of readily
available standard external components.
APPLICATIONS
* Distributed Power Systems
* Battery Charger
* Pre-Regulator for Linear Regulators
* WLED Drivers
FEATURES
* 1.2A Peak Output Current
* 0.35Ω Internal Power MOSFET Switch
* Stable with Low ESR Output Ceramic Capacitors
* Up to 92% Efficiency
* 0.1μA Shutdown Mode
* Fixed 1.4MHz Frequency
* Thermal Shutdown
* Cycle-by-Cycle Over Current Protection
* Wide 4.5V to 24V Operating Input Range
* Output Adjustable from 0.81V to 15V
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UD24121L-AG6-R
UD24121G-AG6-R
SOT-26
Tape Reel


Similar Part No. - UD24121G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD24121G-AG6-R UTC-UD24121G-AG6-R Datasheet
208Kb / 5P
Pre-Regulator for Linear Regulators
More results

Similar Description - UD24121G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2359DJ-00B MPS-EV2359DJ-00B Datasheet
163Kb / 4P
1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6
MP2359 MPS-MP2359 Datasheet
377Kb / 9P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
Monolithic Power System...
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
ETA SOLUTIONS CO. LIMIT...
ETA2359 ETA-ETA2359 Datasheet
196Kb / 1P
1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com