Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBC1122P Datasheet(PDF) 1 Page - SMSC Corporation

Part # KBC1122P
Description  Mobile KBC with Super I/O, SFI, ADC and DAC with SMSC SentinelAlert
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

KBC1122P Datasheet(HTML) 1 Page - SMSC Corporation

  KBC1122P Datasheet HTML 1Page - SMSC Corporation KBC1122P Datasheet HTML 2Page - SMSC Corporation KBC1122P Datasheet HTML 3Page - SMSC Corporation KBC1122P Datasheet HTML 4Page - SMSC Corporation KBC1122P Datasheet HTML 5Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMSC KBC1122
PRODUCT PREVIEW
Revision 0.8 (02-06-07)
Data Brief
PRODUCT FEATURES
KBC1122/KBC1122P
Mobile KBC with Super I/O,
SFI, ADC and DAC with
SMSC SentinelAlert!TM
3.3V Operation with 5V Tolerant Buffers
ACPI 1.0b/2.0 and PC99a/PC2001 Compliant
LPC Interface with Clock Run Support
— Serial IRQ Interface Compatible with Serialized
IRQ Support for PCI Systems
— 15 Direct IRQs
— Three 8-Bit DMA Channels
— ACPI SCI Interface
—nSMI
— Shadowed write only registers
LPC/Firmware Hub Host Flash Interface
— Single Byte FWH Memory Read and FWH
Memory Write Support
— FWH ID Support
— 16MB FWH Flash and Register Addressing,
128K Legacy BIOS Addressing
— Single Byte LPC Memory Read and LPC Memory
Write Support
Serial Peripheral Interface (SPI)
— 3-pin Full Duplex serial communication interface.
— Dual Ported Controller with Keeper Circuit
8 MByte Shared FlashROM Interface (SFI)
— 8051/Host CPU Hardware Arbitrated Interface
— 0.5 - 8MB - Host System BIOS & 8051 Keyboard
— 8051 64KB Code Space Accessible as Separate
32KB Pages in Flash
— Low-Power Flash Access Modes
— 8051-Programmable Flash Access Protection
– Read/Write/No-Access Protection
– Variable Bank Sizes
Host Flash Address Redirection for Recovery
Serial Flash Programming Interface
Two Power Planes
— Low Standby Current in Sleep Mode
— Intelligent Auto Power Management for Super I/O
— Main powered blocks power supplied by standby
power plane and controlled by power
management signals
3-Port ACPI Embedded Controller Interface
Configuration Register Set
— Compatible with ISA Plug-and-Play Standard
(Version 1.0a)
— Four Pin Selectable Addressing Options
— 8051-Programmable Base Address
High-Performance Embedded 8051 Keyboard and
System Controller
— Provides System Power Management
— System Watch Dog Timer (WDT)
— 8042 Style Host Interface Relocatable to 480
Different Base I/O Addresses
— Supports Interrupt and Polling Access
— Interrupt Accelerator
— 512 Bytes Data RAM
— 2 Kilobytes Scratch ROM/RAM
— On-Chip Memory-Mapped Control Registers
— Up to 18x8 Keyboard Scan Matrix
— Two 16 Bit Timer/Counters
— Eleven 8051 Interrupt Sources
— Thirty-Two 8-Bit, Host/8051 Mailbox Registers
— Thirty-six Maskable Hardware Wake-Up Events
—Fast GATEA20
— Fast CPU_RESET
— Multiple Clock Sources and Operating
Frequencies up to 32MHz
— IDLE and SLEEP Modes
— Low Power Fail-Safe Ring Oscillator ±10%
Accuracy
— Hibernation Timer with programmable wake-up
from 0.5ms to 128 minutes
— 8051-Driven 16550A UART
– 16-Byte Send/Receive FIFOs
– External Baud Clock Option
— Power-Fail Status Register
Advanced Infrared Communications Controller (IRCC
2.0)
— IrDA V1.2 (4Mbps), HPSIR, ASKIR, Consumer IR
Support
—Two IR Ports
— Relocatable Base I/O Address


Similar Part No. - KBC1122P

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
KBC1122P SMSC-KBC1122P Datasheet
591Kb / 5P
MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT
KBC1122P-AJZS SMSC-KBC1122P-AJZS Datasheet
591Kb / 5P
MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT
More results

Similar Description - KBC1122P

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
DME1737 SMSC-DME1737 Datasheet
176Kb / 5P
SUPER I/O WITH TEMPERATURE
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
KBC1100L SMSC-KBC1100L Datasheet
243Kb / 6P
MOBILE KBC WITH SFI ADC AND DAC WITH SMSC SENTINELALERT
KBC1100 SMSC-KBC1100 Datasheet
564Kb / 6P
MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT
KBC1122 SMSC-KBC1122 Datasheet
591Kb / 5P
MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT
KBC1102 SMSC-KBC1102 Datasheet
589Kb / 5P
LEGACY FREE MOBILE KBC WITH SFI, ADC AND DAC WITH SMSC SENTINELALERT
SIO1036 SMSC-SIO1036 Datasheet
365Kb / 4P
Super I/O with LPC Interface with FIR and Consumer IR Support
SIO1000 SMSC-SIO1000_07 Datasheet
202Kb / 5P
Super I/O with LPC Interface with FIR and Consumer IR Support
logo
Linear Technology
LTC2757 LINER-LTC2757 Datasheet
264Kb / 20P
18-Bit SoftSpan IOUT DAC with Parallel I/O
logo
AAEON Technology
SRG-ADIO AAEON-SRG-ADIO Datasheet
614Kb / 2P
Standard IoT Gateway System With ADC and Digital I/O Function
2022/10/21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com