Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC1675 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC1675
Description  NPN Silicon Epitaxial Planar Transistor FM/AM RF AMP, MIX, CONV, OSC, IF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC1675 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST2SC1675 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC1675 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC1675 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ST 2SC1675
NPN Silicon Epitaxial Planar Transistor
FM/AM RF AMP, MIX, CONV, OSC, IF
The transistor is subdivided into three groups, R, O, Y,
according to its DC current gain.
On special request, these transistors can be
manufactured in different pin configurations.
TO-92 Plastic Package
Weight approx. 0.19g
FEATURES:
Collector-Base Voltage: VCEO=30V
High Current Gain Bandwidth Product: fT=300MHz (TYP.)
Low Collector Capacitance: COB=2.0pF (TYP.)
Suffix “-C” means Center Collector (1. Emitter 2. Collector 3. Base)
Absolute Maximum Ratings (T a = 25oC)
ti
n
U
e
u
l
a
V
l
o
b
m
y
S
V
e
g
a
tl
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
CBO
50
V
V
e
g
a
tl
o
V
r
e
tt
i
m
E
-
r
o
t
c
e
ll
o
C
CEO
30
V
V
e
g
a
tl
o
V
e
s
a
B
-
r
e
tt
i
m
E
EBO
5
V
I
t
n
e
rr
u
C
r
o
t
c
e
ll
o
C
C
50
mA
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
tot
250
mW
T
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
j
150
?
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
S
-55 to +150
?
G S P FORM A IS AVAILABLE
®
РАДИОТЕХ-ТРЕЙД
Тел.: (495) 795-0805
Факс: (495) 234-1603
Эл. почта: info@rct.ru
Веб: www.rct.ru


Similar Part No. - ST2SC1675

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST2SC1674 SEMTECH_ELEC-ST2SC1674 Datasheet
190Kb / 2P
NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - ST2SC1675

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC2669 SAMSUNG-KSC2669 Datasheet
68Kb / 2P
NPN (FM RADIO RF AMP, MIX, CONV, OSC, IF AMP)
KSC2787 SAMSUNG-KSC2787 Datasheet
75Kb / 2P
NPN (FM/AM RF AMP, MIX, CONV, OSC, IF)
KSC838 SAMSUNG-KSC838 Datasheet
71Kb / 2P
NPN (FM RADIO RF AMP, MIX, CONV, OSC, IF AMP)
logo
Fairchild Semiconductor
KSC1675 FAIRCHILD-KSC1675 Datasheet
42Kb / 4P
FM/AM RF AMP, MIX, CONV,OSC,IF
KSC2669 FAIRCHILD-KSC2669 Datasheet
40Kb / 4P
FM RADIO RF AMP, MIX, CONV, OSC, IF AMP
logo
Usha India Ltd.
2SC838 USHA-2SC838 Datasheet
50Kb / 1P
FM RADIO RF AMP,MIX, CONV, OSC, IF AMP
logo
Fairchild Semiconductor
KSC838 FAIRCHILD-KSC838 Datasheet
40Kb / 4P
FM Radio RF AMP, MIX, CONV, OSC, IF AMP
KSC2787 FAIRCHILD-KSC2787 Datasheet
43Kb / 4P
FM/AM RF AMP, MIX, CONV, OSC, IF
KSC838YTA FAIRCHILD-KSC838YTA Datasheet
44Kb / 4P
FM Radio RF AMP, MIX, CONV, OSC, IF AMP
KSC838OTA FAIRCHILD-KSC838OTA Datasheet
44Kb / 4P
FM Radio RF AMP, MIX, CONV, OSC, IF AMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com