Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC1675 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC1675
Description  NPN Silicon Epitaxial Planar Transistor FM/AM RF AMP, MIX, CONV, OSC, IF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC1675 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  ST2SC1675 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC1675 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC1675 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dated : 19/12/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2SC1675
IC(mA)
, COLLECTOR CURRENT
Figure 5. Input Output Capacitance
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 1. Static Charactersitic
VCE(V)
, COLLECTOR-EMITTER
VOLTAGE
IC=10IB
f=1MHz
IE=0
Cob
VCB(V)
, COLLECTOR-BASE VOLTAGE
IB=10 A
IB=20 A
IB=30 A
IB=40 A
IB=50 A
IB=60 A
IB=70 A
1
0.1
0.1
1
10
10
1
0.1
10
Cib
0.1
0.01
1
VCE(sat)
VBE(sat)
6
10
4
2
0
4
0
12
820
16
14
12
10
8
16
VCE=6V
100
Figure 6. Current Gain Bandwidth
Product
IC(mA)
, COLLECTOR CURRENT
100
10
0.1
1
10
100
Figure 4. Base-Emitter On Voltage
VBE(V), BASE-EMITTER VOLTAGE
1.0
VCE=6V
1000
0.1
0.2
0.6
0.4
0.8
10
1
100
1.2
IC(mA
), COLLECTOR CURRENT
VCE=6V
Figure 2. DC Current Gain
0.1
1000
24
100
10
10
1
1000
10000
100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com