Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC1675 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC1675
Description  NPN Silicon Epitaxial Planar Transistor FM/AM RF AMP, MIX, CONV, OSC, IF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC1675 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ST2SC1675 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC1675 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC1675 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 19/12/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2SC1675
Characteristics at Ta=25
OC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE=6V, IC=1mA
R
O
Y
hFE
hFE
hFE
40
70
120
-
-
-
80
140
240
-
-
-
Collector-Emitter Saturation Voltage
at IC=10mA, IB=1mA
VCE(sat)
-
0.08
0.3
V
Base–Emitter On Voltage
at VCE=6V, IC=1mA
VBE(on)
-
0.67
0.75
V
Collector-Base Breakdown Voltage
at IC=10µA, IE=0
BVCBO
50
-
-
V
Collector-Emitter Breakdown Voltage
at IC=5mA, IB=0
BVCEO
30
-
-
V
Emitter-Base Breakdown Voltage
at IE=10µA, IC=0
BVEBO
5
-
-
V
Collector Cut-off Current
at VCB=50V, IE=0
ICBO
-
-
0.1
µA
Emitter Cut-off Current
at VEB=5V, IC=0
IEBO
-
-
0.1
µA
Current Gain Bandwidth Product
at VCE=6V,IC=1mA
fT
150
300
-
MHz
Output Capacitance
at VCB=6V, IE=0, f=1MHz
Cob
-
2.0
2.5
pF
G S P FORM A IS AVAILABLE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com