Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2423L-R Datasheet(PDF) 2 Page - SiGe Semiconductor, Inc.

Part # PA2423L-R
Description  RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

PA2423L-R Datasheet(HTML) 2 Page - SiGe Semiconductor, Inc.

  PA2423L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PA2423L-EK1
RangeCharger
TM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
13-DST-03
Rev 2.3
Jan-18-2005
2 of 8
QA011805
Evaluation Board Schematic
Figure 2: PA2423L Evaluation Board Schematic Diagram
Please Note: The RFOUT connector forms part of the output match of the power amplifier.
Pin
Pin Number
Description
Recommended setting
VCC
1
Supply Voltage
Connect system supply voltage
GND
2
Ground
Connect to system ground
VCC
3
Supply Voltage
Use this VCC to connect to VCTL signal with
a shorting link
VCTL
4
Power and Gain Control
Connect to 3.3 V (VCC) for maximum gain
and power output. For power control
connect to a variable voltage source between
0 V and 3.3 V.
GND
5
Ground
Provided as a ground connection for the
VCTL signal.
VCC
6
Supply Voltage
Use this VCC to connect to VRAMP signal
with a shorting link
VRAMP
7
PA Enable Pin
0 V – 1.5 V applied = Device Disabled
2 V – VCC applied = Device Enabled
GND
8
Ground
Provided as a ground connection for the
VRAMP signal
Table 1: Power and Analog I/O Header (JP3)
Note: It is recommended to use proper engineering connection practices by making RF and digital connections prior
to turning on the power supply.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com