Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2423L-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # PA2423L-R
Description  RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

PA2423L-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  PA2423L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PA2423L-EK1
RangeCharger
TM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
13-DST-03
Rev 2.3
Jan-18-2005
1 of 8
QA011805
Application
Bluetooth
TM
USB dongles
PCMCIA, flash cards
Access points
2.4 GHz cordless telephones
Features
Easy evaluation of the PA2423L Power Amplifier
Low Cost Design – 8 components required
Minimum board space required – 340 mils x 220
mils
High Output Power – 22.5 dBm
Schematic and layout ready for production builds
Lead free 6 pin QFN Package
Order Information
Part Number
Package
Remark
PA2423L
6 pin – QFN
Samples
PA2423L-R
6 pin – QFN
Tape & Reel
PA2423L-EK1
Evaluation Kit
Product Description
The PA2423L-EK1 evaluation kit provides an easy to
use, self-contained system for evaluating the RF
performance and DC parameters of the PA2423L
amplifier.
The PA2423L evaluation board requires minimal
board area and components and in addition, it has
been designed to allow the PA2423L to meet the
Bluetooth
tm
Class
1
wireless
technology
specifications, with particular attention to gain and
output power.
Each evaluation kit contains:
•
Pre-assembled evaluation board with input &
output
matching
networks.
Standard
SMA
connectors for interconnection to test equipment
•
A test report of the delivered board
•
A PA2423L datasheet
•
A PA2423L-EK1 data sheet
Functional Block Diagram
PA2423L
Header
GND
VRAMP
VCC
VCTL
SMA
SMA
Input
Match
Output
Match
PA2423L-EK1
EvaluationBoard
RFIN
RFOUT
Figure 1: PA2423L-EK1 Evaluation Board Block Diagram


Similar Part No. - PA2423L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
PA2423L-R SIGE-PA2423L-R Datasheet
200Kb / 10P
RangeCharger 2.4 GHz Power Amplifier IC
More results

Similar Description - PA2423L-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
2.4~2.5 GHz Power Amplifier
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
2.4~2.5 GHz Power Amplifier
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
2.4~2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
2.4-2.5 GHz Power Amplifier
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
logo
SiGe Semiconductor, Inc...
PA2423U SIGE-PA2423U Datasheet
230Kb / 10P
RangeChargerTM 2.4 GHz Bluetoothtm Power Amplifier IC Preliminary
PA2423U-EK1 SIGE-PA2423U-EK1 Datasheet
143Kb / 8P
RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
SE2425U SIGE-SE2425U Datasheet
225Kb / 10P
RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
logo
Skyworks Solutions Inc.
SE2433T SKYWORKS-SE2433T Datasheet
1Mb / 13P
2.4 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com