Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2423L-R Datasheet(PDF) 5 Page - SiGe Semiconductor, Inc.

Part # PA2423L-R
Description  RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

PA2423L-R Datasheet(HTML) 5 Page - SiGe Semiconductor, Inc.

  PA2423L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. PA2423L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PA2423L-EK1
RangeCharger
TM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
13-DST-03
Rev 2.3
Jan-18-2005
5 of 8
QA011805
Signal
Generator
PA2423L-EK1
EVALUATION
BOARD
3dB
Pad
Spectrum
Analyzer
PowerSupply
VRAMP
VCC
-20dB
3dB
pad
Directional
Coupler
PowerHead
PowerMeter
VCTL
-20dB
Directional
Coupler
Power Head
PowerMeter
Figure 3: Test Equipment Setup for Static Measurement
Signal
Generator
PA2423L-EK1
EVALUATION
BOARD
3dB
Pad
Spectrum
Analyzer
Power
Supply
VRAMP
VCC
Power Head
PowerMeter
-20dB
3dB
pad
Directional
Coupler
PowerHead
PowerMeter
VCT L
Pulse
Generator
Oscilloscope
SYN
Directional
Coupler
-20dB
Trigger in
Figure 4: Test Equipment Setup for Dynamic Measurement



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com