Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EH-R3A140-005G Datasheet(PDF) 4 Page - EHAOAN.

Part # EH-R3A140-005G
Description  Excellent Transiting Heat from LED Chip Operating under 700mA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-R3A140-005G Datasheet(HTML) 4 Page - EHAOAN.

  EH-R3A140-005G Datasheet HTML 1Page - EHAOAN. EH-R3A140-005G Datasheet HTML 2Page - EHAOAN. EH-R3A140-005G Datasheet HTML 3Page - EHAOAN. EH-R3A140-005G Datasheet HTML 4Page - EHAOAN. EH-R3A140-005G Datasheet HTML 5Page - EHAOAN. EH-R3A140-005G Datasheet HTML 6Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Characteristics at If=700mA ,Vr=5V (Ta=25°C):
Parameter
Symbol
Values
Units
Min.
Typ.
Max.
Luminous Flux
φv
80
105
—
lm
Viewing Angle at 50﹪IV
2
θ1/2
—
140
—
Deg
Peak Emission Wavelength
λp
625
630
635
nm
Dominant Wavelength
λd
618
623
628
nm
Spectral Line Half-Width
△
λ
15
20
25
nm
Forward Voltage
Vf
2.0
2.6
3.2
V
Reverse Current
IR
—
—
10
µA
Thermal Resistance Junction to Case
R
θJ-C
—
25
—
K/W
Temperature Coefficient of Forward Voltage
V△F/T
—
-2
—
mV/℃
Notes:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve.
2.
θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity
3. The dominant wavelength (
λd) is derived from the CIE chromaticity diagram and represents the single
wavelength which defines the color of the device.
4. Flux is measured with an accuracy of ±15%.
5. Forward voltage is measured with an accuracy of ±0.15V.
DATA SHEET
Lighting LED
EH-R3A140-005G
4
EHAOAN Electronics Co., Ltd.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com