Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EH-R3A140-005G Datasheet(PDF) 2 Page - EHAOAN.

Part # EH-R3A140-005G
Description  Excellent Transiting Heat from LED Chip Operating under 700mA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-R3A140-005G Datasheet(HTML) 2 Page - EHAOAN.

  EH-R3A140-005G Datasheet HTML 1Page - EHAOAN. EH-R3A140-005G Datasheet HTML 2Page - EHAOAN. EH-R3A140-005G Datasheet HTML 3Page - EHAOAN. EH-R3A140-005G Datasheet HTML 4Page - EHAOAN. EH-R3A140-005G Datasheet HTML 5Page - EHAOAN. EH-R3A140-005G Datasheet HTML 6Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5(CALOTTE)
0.3(FLUCTUATE)
0.3
7.2
FRONT
VIEW
8.0
5.95
1.5
14.5
ANODE
MARK
TOP
VIEW
Φ
Φ
Φ
PCB
R1.5
SIDE VIEW
19
20
7.2
TOP VIEW
20
1.5
6.7
Dimensions:
Installs on the aluminum sheet:
Package
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25 mm (0.01”) unless otherwise noted.
2
EHAOAN Electronics Co., Ltd.
DATA SHEET
Lighting LED
EH-R3A140-005G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com