Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EH-R3A140-005G Datasheet(PDF) 5 Page - EHAOAN.

Part # EH-R3A140-005G
Description  Excellent Transiting Heat from LED Chip Operating under 700mA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-R3A140-005G Datasheet(HTML) 5 Page - EHAOAN.

  EH-R3A140-005G Datasheet HTML 1Page - EHAOAN. EH-R3A140-005G Datasheet HTML 2Page - EHAOAN. EH-R3A140-005G Datasheet HTML 3Page - EHAOAN. EH-R3A140-005G Datasheet HTML 4Page - EHAOAN. EH-R3A140-005G Datasheet HTML 5Page - EHAOAN. EH-R3A140-005G Datasheet HTML 6Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1.8
Forward Current IF(mA)
Forward Current VS.Forward Voltage
2.0
2.2
2.4
2.6
2.8
800
700
600
500
400
300
90
30
60
120
150
Forward Current(mA)
Forward Current VS.Luminous fiux
300 400 500
600 700
800
0
50
Typical Electrical / Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
DATA SHEET
Lighting LED
EH-R3A140-005G
Ambient TemperatureVS.Forward Current
Temperature( C)
0
30
60
90
120
150
100
200
300
400
500
Rθ =60℃/W
Rθ =50℃/W
Rθ =40℃/W
Rθ =30℃/W
J-A
J-A
J-A
J-A
0.0
0.2
0.4
0.6
0.8
1.0
380 400 420 440 460 480 500 520 540 560 580 600 620 640 660 680 700 720 740 760 780
Wave Length(nm)
Spectral Radiance (Peak635@nm)
0.8
1.0
0.6
0.4
0.6
0.2
0.2
0.4
0.8
1.0
Beam Patter
Relativeintensitv(LOP@ MAX=1)
5
EHAOAN Electronics Co., Ltd.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com