Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBM340 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBM340
Description  3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBM340 Datasheet(HTML) 2 Page - Diodes Incorporated

  SBM340 Datasheet HTML 1Page - Diodes Incorporated SBM340 Datasheet HTML 2Page - Diodes Incorporated SBM340 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30362 Rev. 5 - 2
2 of 3
SBM340
www.diodes.com
100
10
1
0.1
0.01
1000
10,000
0
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
10
T = +25
°C
J
T = +125
°C
J
T = -25
°C
J
T = +75
°C
J
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Forward Surge Current
Single Half-Sine-Wave
T = 100°C
C
0.1
1.0
10
0.1
0.3
0.4
0.2
0.5
0.6
0.7
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1 Typical Forward Characteristics
T = +25
°C
J
T = +75
°C
J
T = +125
°C
J
T = -25
°C
J
10
100
1000
0.1
1
10
100
V , DC REVERSE VOLTAGE (V)
R
Fig. 4 Typical Capacitance vs. Reverse Voltage
f = 1 MHz
T = 25°C
J



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com