Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBM340 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBM340
Description  3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBM340 Datasheet(HTML) 1 Page - Diodes Incorporated

  SBM340 Datasheet HTML 1Page - Diodes Incorporated SBM340 Datasheet HTML 2Page - Diodes Incorporated SBM340 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
Note:
Pins 1 & 2 must be electrically
connected at the printed circuit board.
DS30362 Rev. 5- 2
1 of 3
SBM340
www.diodes.com
ã Diodes Incorporated
SBM340
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
POWERMITEâ3
Features
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
·
Case: POWERMITEâ3
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish).
·
Polarity: See Diagram
·
Marking: Type Number
·
Weight: 0.072 grams (approximate)
Mechanical Data
B
C
D
E
G
J
H
K
L
M
A
P
1
2
3
PIN 1
PIN 2
PIN 3, BOTTOMSIDE
HEAT SINK
C
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Output Current
(See also Figure 5)
IO
3
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
@ TC = 100°C
IFSM
50
A
Typical Thermal Resistance Junction to Soldering Point
RqJS
3.4
°
C/W
Operating Temperature Range
Tj
-55 to +125
°
C
Storage Temperature Range
TSTG
-55 to +150
°C
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
Low Forward Voltage Drop
·
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
·
Lead Free Finish/RoHS Compliant (Note 2)
Maximum Ratings @ TA = 25°C unless otherwise specified
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
40
¾
¾
V
IR = 0.5mA
Forward Voltage
VFM
¾
0.46
0.40
0.57
0.54
0.50
0.44
0.61
0.58
V
IF = 3A, Tj = 25°C
IF = 3A, Tj = 125°C
IF = 6A, Tj = 25°C
IF = 6A, Tj = 125°C
Reverse Current (Note 1)
IRM
¾
15
¾
500
20
m
A
mA
Tj = 25°C, VR = 40V
Tj = 100°C, VR = 40V
Total Capacitance
CT
¾
180
¾
pF
f = 1.0MHz, VR = 4.0V DC
POWERMITEâ3
Dim
Min
Max
A
4.03
4.09
B
6.40
6.61
C
.889 NOM
D
1.83 NOM
E
1.10
1.14
G
.178 NOM
H
5.01
5.17
J
4.37
4.43
K
.178 NOM
L
.71
.77
M
.36
.46
P
1.73
1.83
All Dimensions in mm
Notes:
1. Short duration test pulse used to minimize self-heating effect.
2. RoHS revision 13.2.2003. High Temperature Solder Exemption Applied, see EU Directive Annex Note 7.
SPICE MODEL: SBM340


Similar Part No. - SBM340

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBM340 DIODES-SBM340 Datasheet
77Kb / 3P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERMITE3
DS30362 Rev. 2 - 2
SBM340 DIODES-SBM340 Datasheet
121Kb / 4P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30362 Rev. 6 - 2
SBM340-13 DIODES-SBM340-13 Datasheet
77Kb / 3P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERMITE3
DS30362 Rev. 2 - 2
SBM340-13-F DIODES-SBM340-13-F Datasheet
121Kb / 4P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30362 Rev. 6 - 2
SBM340 DIODES-SBM340_2 Datasheet
121Kb / 4P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30362 Rev. 6 - 2
More results

Similar Description - SBM340

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRM360 DIODES-MBRM360 Datasheet
65Kb / 3P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERMITE3
DS30355 Rev. 2 - 2
SBM340 DIODES-SBM340 Datasheet
77Kb / 3P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERMITE3
DS30362 Rev. 2 - 2
MBRM360 DIODES-MBRM360_1 Datasheet
476Kb / 4P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30355 Rev. 4 - 2
MBRM360 DIODES-MBRM360_2 Datasheet
120Kb / 4P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30355 Rev. 5 - 2
SBM340 DIODES-SBM340_2 Datasheet
121Kb / 4P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30362 Rev. 6 - 2
logo
Frontier Electronics.
SK32A FRONTIER-SK32A Datasheet
125Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK5820-LFR FRONTIER-SK5820-LFR Datasheet
119Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32 FRONTIER-SS32 Datasheet
124Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK32A CITC-SK32A Datasheet
153Kb / 3P
3A Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK34A-T TSC-SK34A-T Datasheet
379Kb / 6P
3A, 40V - 100V Surface Mount Schottky Barrier Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com