Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBM340 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBM340
Description  3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBM340 Datasheet(HTML) 3 Page - Diodes Incorporated

  SBM340 Datasheet HTML 1Page - Diodes Incorporated SBM340 Datasheet HTML 2Page - Diodes Incorporated SBM340 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30362 Rev. 5- 2
3 of 3
SBM340
www.diodes.com
0
1
2
3
4
0
1
2
3
4
5
6
7
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
Fig. 6 Forward Power Dissipation
Note 4
Note 5
0
0.5
1
1.5
2.5
2
3
3.5
4
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
Fig. 5 DC Forward Current Derating
Note 3
Note 4
Note 5
SBM340 = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last digit of year ex: 02 for 2002
WW = Week code 01 to 52
(K) = Factory Designator
YYWW(K)
SBM340
Marking Information
Notes:
3. TA = TSOLDERING POINT, RqJS = 3.4°C/W, RqSA = 0°C/W.
4. Device mounted on GETEK substrate, 2”x2”, 2 oz. copper, double-sided, cathode pad dimensions 0.75” x 1.0”, anode pad
dimensions 0.25” x 1.0”. RqJA in range of 20-40°C/W.
5. Device mounted on FR-4 substrate, 2”x2”, 2 oz. copper, single-sided, pad layout as per Diodes Inc. suggested pad layout
document AP02001 which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. RqJA in range of
95-115°C/W.
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
SBM340-13-F
POWERMITEâ3
5000/Tape & Reel
Ordering Information
POWERMITE is a registered trademark of Microsemi Corporation.
(Note 6)
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com