Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV040B Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM29LV040B
Description  4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV040B Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM29LV040B_06 Datasheet HTML 27Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 28Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 29Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 30Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 31Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 32Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 33Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 34Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
October 11, 2006 21354E4
Am29LV040B
31
D A TA
SH EE T
AC CHARACTERISTICS
Alternate CE# Controlled Erase/Program Operations
Notes:
1. Not 100% tested.
2. See the “Erase and Programming Performance” section for more information.
Parameter
Speed Options
JEDEC
Std
Description
-60R
-70
-90
-120
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
60
70
90
120
ns
tELAX
tAH
Address Hold Time
Min
45454550
ns
tDVEH
tDS
Data Setup Time
Min
35354550
ns
tELEH
tCP
CE# Pulse Width
Min
35
35
35
50
ns
tAVEL
tAS
Address Setup Time
Min
0
ns
tEHDX
tDH
Data Hold Time
Min
0
ns
tOES
Output Enable Setup Time
Min
0
ns
tGHEL
tGHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tWLEL
tWS
WE# Setup Time
Min
0
ns
tEHWH
tWH
WE# Hold Time
Min
0
ns
tEHEL
tCPH
CE# Pulse Width High
Min
30
ns
tWHWH1
tWHWH1
Programming Operation (Note 2)
Typ
9
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ
0.7
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com