Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV040B Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM29LV040B
Description  4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV040B Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM29LV040B_06 Datasheet HTML 9Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 10Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 11Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 12Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 13Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 14Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 15Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 16Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
October 11, 2006 21354E4
Am29LV040B
13
D A TA
SH EE T
COMMAND DEFINITIONS
Writing specific address and data commands or
sequences into the command register initiates device
operations. Table 4 defines the valid register command
sequences. Writing incorrect address and data values
or writing them in the improper sequence may place the
device in an unknown state. A reset command is then
required to return the device to reading array data.
All addresses are latched on the falling edge of WE# or
CE#, whichever happens later. All data is latched on
the rising edge of WE# or CE#, whichever happens
first. Refer to the appropriate timing diagrams in the
“AC Characteristics” section.
Reading Array Data
The device is automatically set to reading array data
after device power-up. No commands are required to
retrieve data. The device is also ready to read array
data after completing an Embedded Program or
Embedded Erase algorithm.
After the device accepts an Erase Suspend command,
the device enters the Erase Suspend mode. The
system can read array data using the standard read
timings, except that if it reads at an address within
erase-suspended sectors, the device outputs status
data. After completing a programming operation in the
Erase Suspend mode, the system may once again
read array data with the same exception. See “Erase
Suspend/Erase Resume Commands” for more infor-
mation on this mode.
The system must issue the reset command to re-
enable the device for reading array data if DQ5 goes
high, or while in the autoselect mode. See the “Reset
Command” section, next.
See also “Requirements for Reading Array Data” in the
“Device Bus Operations” section for more information.
The Read Operations table provides the read parame-
ters, and Figure 11 shows the timing diagram.
Reset Command
Writing the reset command to the device resets the
device to reading array data. Address bits are don’t
care for this command.
The reset command may be written between the
sequence cycles in an erase command sequence
before erasing begins. This resets the device to reading
array data. Once erasure begins, however, the device
ignores reset commands until the operation is
complete.
The reset command may be written between the
sequence cycles in a program command sequence
before programming begins. This resets the device to
reading array data (also applies to programming in
Erase Suspend mode). Once programming begins,
however, the device ignores reset commands until the
operation is complete.
The reset command may be written between the
sequence cycles in an autoselect command sequence.
Once in the autoselect mode, the reset command must
be written to return to reading array data (also applies
to autoselect during Erase Suspend).
If DQ5 goes high during a program or erase operation,
writing the reset command returns the device to
reading array data (also applies dur ing Erase
Suspend).
Autoselect Command Sequence
The autoselect command sequence allows the host
system to access the manufacturer and devices codes,
and determine whether or not a sector is protected.
Table 4 shows the address and data requirements. This
method is an alternative to that shown in Table 3, which
is intended for PROM programmers and requires VID
on address bit A9.
The autoselect command sequence is initiated by
writing two unlock cycles, followed by the autoselect
command. The device then enters the autoselect
mode, and the system may read at any address any
number of times, without initiating another command
sequence. A read cycle at address 00h retrieves the
manufacturer code. A read cycle at address 01h
returns the device code. A read cycle containing a
sector address (SA) and the address 02h returns 01h if
that sector is protected, or 00h if it is unprotected. Refer
to Table 2 for valid sector addresses.
The system must write the reset command to exit the
autoselect mode and return to reading array data.
Byte Program Command Sequence
The byte program command sequence programs one
byte into the device. Programming is a four-bus-cycle
operation. The program command sequence is initi-
ated by writing two unlock write cycles, followed by the
program set-up command. The program address and
data are written next, which in tur n initiate the
Embedded Program algorithm. The system is not
required to provide further controls or timings. The
device automatically provides internally generated
program pulses and verify the programmed cell margin.
Table 4 shows the address and data requirements for
the byte program command sequence. Note that the
autoselect function is unavailable when a program
operation is in progress.
When the Embedded Program algorithm is complete,
the device then returns to reading array data and
addresses are no longer latched. The system can
determine the status of the program operation by using



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com