Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV040B Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29LV040B
Description  4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV040B Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29LV040B_06 Datasheet HTML 7Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 8Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 9Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 10Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 11Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 12Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 13Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 14Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
October 11, 2006 21354E4
Am29LV040B
11
D A TA
SH EE T
in this mode. Refer to the Autoselect Mode and Autose-
lect Command Seque nce sect ions fo r mo re
information.
ICC2 in the DC Characteristics table represents the
active current specification for the write mode. The “AC
Characteristics” section contains timing specification
tables and timing diagrams for write operations.
Program and Erase Operation Status
During an erase or program operation, the system may
check the status of the operation by reading the status
bits on DQ7–DQ0. Standard read cycle timings and ICC
read specifications apply. Refer to “Write Operation
Status” for more information, and to “AC Characteris-
tics” for timing diagrams.
Standby Mode
When the system is not reading or writing to the device,
it can place the device in the standby mode. In this
mode, current consumption is greatly reduced, and the
outputs are placed in the high impedance state, inde-
pendent of the OE# input.
The device enters the CMOS standby mode when the
CE# pin is both held at VCC ± 0.3 V. (Note that this is a
more restricted voltage range than VIH.) If CE# is held
at VIH, but not within VCC ± 0.3 V, the device will be in
the standby mode, but the standby current will be
greater. The device requires standard access time (tCE)
for read access when the device is in either of these
standby modes, before it is ready to read data.
If the device is deselected during erasure or program-
ming, the device draws active current until the
operation is completed.
ICC3 in the DC Characteristics table represents the
standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device
energy consumption. The device automatically enables
this mode when addresses remain stable for tACC + 30
ns. The automatic sleep mode is independent of the
CE#, WE#, and OE# control signals. Standard address
access timings provide new data when addresses are
changed. While in sleep mode, output data is latched
and always available to the system. ICC4 in the DC
Characteristics table represents the automatic sleep
mode current specification.
Output Disable Mode
When the OE# input is at VIH, output from the device is
disabled. The output pins are placed in the high imped-
ance state.
Table 2.
Am29LV040BT Sector Address Table
Autoselect Mode
The autoselect mode provides manufacturer and
device identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equipment
to automatically match a device to be programmed with
its corresponding programming algorithm. However,
the autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect
mode requires VID (11.5 V to 12.5 V) on address pin
A9. Address pins A6, A1, and A0 must be as shown in
Table 3. In addition, when verifying sector protection,
the sector address must appear on the appropriate
highest order address bits (see Table 2). Table 3 shows
the remaining address bits that are don’t care. When all
necessary bits have been set as required, the program-
ming equipment may then read the corresponding
identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 4. This method
does not require VID. See “Command Definitions” for
details on using the autoselect mode.
Sector
A18
A17
A16
Address Range
(in hexadecimal)
SA0
0
0
0
00000h-0FFFFh
SA1
0
0
1
10000h-1FFFFh
SA2
0
1
0
20000h-2FFFFh
SA3
0
1
1
30000h-3FFFFh
SA4
1
0
0
40000h-4FFFFh
SA5
1
0
1
50000h-5FFFFh
SA6
1
1
0
60000h-6FFFFh
SA7
1
1
1
70000h-7FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com