Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29SL160C Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM29SL160C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL160C Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM29SL160C Datasheet HTML 2Page - Advanced Micro Devices AM29SL160C Datasheet HTML 3Page - Advanced Micro Devices AM29SL160C Datasheet HTML 4Page - Advanced Micro Devices AM29SL160C Datasheet HTML 5Page - Advanced Micro Devices AM29SL160C Datasheet HTML 6Page - Advanced Micro Devices AM29SL160C Datasheet HTML 7Page - Advanced Micro Devices AM29SL160C Datasheet HTML 8Page - Advanced Micro Devices AM29SL160C Datasheet HTML 9Page - Advanced Micro Devices AM29SL160C Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
4
Am29SL160C
21635C5 January 23, 2007
D A TA
SH EE T
PRODUCT SELECTOR GUIDE
Note:See “AC Characteristics” for full specifications.
BLOCK DIAGRAM
Family Part Number
Am29SL160C
Speed Options
-100
-120
-150
Max access time, ns (t
ACC)
100
120
150
Max CE# access time, ns (t
CE)
100
120
150
Max OE# access time, ns (t
OE)35
50
65
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
V
CC
V
SS
WE#
BYTE#
WP#/ACC
CE#
OE#
STB
STB
DQ0–DQ15 (A-1)
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
A0–A19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com