Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29SL160C Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29SL160C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL160C Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29SL160C Datasheet HTML 8Page - Advanced Micro Devices AM29SL160C Datasheet HTML 9Page - Advanced Micro Devices AM29SL160C Datasheet HTML 10Page - Advanced Micro Devices AM29SL160C Datasheet HTML 11Page - Advanced Micro Devices AM29SL160C Datasheet HTML 12Page - Advanced Micro Devices AM29SL160C Datasheet HTML 13Page - Advanced Micro Devices AM29SL160C Datasheet HTML 14Page - Advanced Micro Devices AM29SL160C Datasheet HTML 15Page - Advanced Micro Devices AM29SL160C Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
10
Am29SL160C
21635C5 January 23, 2007
D A TA
SH EE T
data. Standard microprocessor read cycles that assert
valid addresses on the device address inputs produce
valid data on the device data outputs. The device
remains enabled for read access until the command
register contents are altered.
See “Reading Array Data” on page 21 for more infor-
mation. Refer to the AC table for timing specifications
and to Figure 13, on page 35 for the timing diagram.
I
CC1 in the DC Characteristics table represents the
active current specification for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which
includes programming data to the device and erasing
sectors of memory), the system must drive WE# and
CE# to V
IL, and OE# to VIH.
For program operations, the BYTE# pin determines
whether the device accepts program data in bytes or
words. Refer to “Word/Byte Configuration” on page 9
for more information.
The device features an Unlock Bypass mode to facili-
tate faster programming. Once the device enters the
Unlock Bypass mode, only two write cycles are
required to program a word or byte, instead of four. The
“Word/Byte Program Command Sequence” on
page 22 contains details on programming data to the
device using both standard and Unlock Bypass
command sequences.
An erase operation can erase one sector, multiple sec-
tors, or the entire device. Table 2, on page 12 and
Table 3, on page 13 indicate the address space that
each sector occupies. A “sector address” consists of
the address bits required to uniquely select a sector.
The “Command Definitions” on page 21 contains
details on erasing a sector or the entire chip, or sus-
pending/resuming the erase operation.
After the system writes the autoselect command
sequence, the device enters the autoselect mode. The
system can then read autoselect codes from the
internal register (which is separate from the memory
array) on DQ7–DQ0. Standard read cycle timings apply
in this mode. Refer to “Autoselect Mode” on page 14
and “Autoselect Command Sequence” on page 22 for
more information.
I
CC2 in the DC Characteristics table represents the
active current specification for the write mode. The “AC
Characteristics” on page 35 contains timing specifica-
tion tables and timing diagrams for write operations.
Accelerated Program Operation
The device offers accelerated program operation
through the ACC function, which is one of two functions
provided by the WP#/ACC pin. This function is primarily
intended to allow faster in-system programming of the
device during the system production process.
If the system asserts V
HH on the pin, the device auto-
matically enters the aforementioned Unlock Bypass
mode and uses the higher voltage on the pin to reduce
the time required for program operations. The system
would use a two-cycle program command sequence as
required by the Unlock Bypass mode. Removing V
HH
from the WP#/ACC pin returns the device to normal
operation.
Program and Erase Operation Status
During an erase or program operation, the system may
check the status of the operation by reading the status
bits on DQ7–DQ0. Standard read cycle timings and I
CC
read specifications apply. Refer to “Write Operation
Status” on page 27 for more information, and to “AC
Characteristics” on page 35 for timing diagrams.
Standby Mode
When the system is not reading or writing to the device,
it can place the device in the standby mode. In this
mode, current consumption is greatly reduced, and the
outputs are placed in the high impedance state, inde-
pendent of the OE# input.
The device enters the CMOS standby mode when the
CE# and RESET# pins are both held at V
CC ± 0.2 V.
(Note that this is a more restricted voltage range than
V
IH.) If CE# and RESET# are held at VIH, but not within
V
CC ± 0.2 V, the device is in the standby mode, but the
standby current is greater. The device requires stan-
dard access time (t
CE) for read access when the device
is in either of these standby modes, before it is ready to
read data.
The device also enters the standby mode when the
RESET# pin is driven low. Refer to “RESET#: Hard-
ware Reset Pin” on page 10.
If the device is deselected during erasure or program-
ming, the device draws active current until the
operation is completed.
I
CC3 in the DC Characteristics table represents the
standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device
energy consumption. The device automatically enables
this mode when addresses remain stable for t
ACC + 50
ns. The automatic sleep mode is independent of the
CE#, WE#, and OE# control signals. Standard address
access timings provide new data when addresses are
changed. While in sleep mode, output data is latched
and always available to the system. I
CC4 in the DC
Characteristics table represents the automatic sleep
mode current specification.
RESET#: Hardware Reset Pin
The RESET# pin provides a hardware method of reset-
ting the device to reading array data. When the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com