Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29SL160C Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM29SL160C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL160C Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM29SL160C Datasheet HTML 10Page - Advanced Micro Devices AM29SL160C Datasheet HTML 11Page - Advanced Micro Devices AM29SL160C Datasheet HTML 12Page - Advanced Micro Devices AM29SL160C Datasheet HTML 13Page - Advanced Micro Devices AM29SL160C Datasheet HTML 14Page - Advanced Micro Devices AM29SL160C Datasheet HTML 15Page - Advanced Micro Devices AM29SL160C Datasheet HTML 16Page - Advanced Micro Devices AM29SL160C Datasheet HTML 17Page - Advanced Micro Devices AM29SL160C Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
12
Am29SL160C
21635C5 January 23, 2007
D A TA
SH EE T
Table 2.
Am29SL160CT Top Boot Sector Architecture
Note: Address range is A19:A-1 in byte mode and A19:A0 in
word mode. See “Word/Byte Configuration” section for more
information.
Sector
Sector Address
Sector Size
(Kbytes/Kwords)
Address Range (in Hexadecimal
A19
A18
A17
A16
A15
A14
A13
A12
Byte Mode (x8)
Word Mode (x16)
SA0
0
0000
X
X
X
64/32
000000h–00FFFFh
00000h–07FFFh
SA1
0
0001
X
X
X
64/32
010000h–01FFFFh
08000h–0FFFFh
SA2
0
0010
X
X
X
64/32
020000h–02FFFFh
10000h–17FFFh
SA3
0
0011
X
X
X
64/32
030000h–03FFFFh
18000h–1FFFFh
SA4
0
0100
X
X
X
64/32
040000h–04FFFFh
20000h–27FFFh
SA5
0
0101
X
X
X
64/32
050000h–05FFFFh
28000h–2FFFFh
SA6
0
0110
X
X
X
64/32
060000h–06FFFFh
30000h–37FFFh
SA7
0
0111
X
X
X
64/32
070000h–07FFFFh
38000h–3FFFFh
SA8
0
1000
X
X
X
64/32
080000h–08FFFFh
40000h–47FFFh
SA9
0
1001
X
X
X
64/32
090000h–09FFFFh
48000h–4FFFFh
SA10
0
1010
X
X
X
64/32
0A0000h–0AFFFFh
50000h–57FFFh
SA11
0
1011
X
X
X
64/32
0B0000h–0BFFFFh
58000h–5FFFFh
SA12
0
1100
X
X
X
64/32
0C0000h–0CFFFFh
60000h–67FFFh
SA13
0
1101
X
X
X
64/32
0D0000h–0DFFFFh
68000h–6FFFFh
SA14
0
1110
X
X
X
64/32
0E0000h–0EFFFFh
70000h–77FFFh
SA15
0
1111
X
X
X
64/32
0F0000h–0FFFFFh
78000h–7FFFFh
SA16
1
0000
X
X
X
64/32
100000h–10FFFFh
80000h–87FFFh
SA17
1
0001
X
X
X
64/32
110000h–11FFFFh
88000h–8FFFFh
SA18
1
0010
X
X
X
64/32
120000h–12FFFFh
90000h–97FFFh
SA19
1
0011
X
X
X
64/32
130000h–13FFFFh
98000h–9FFFFh
SA20
1
0100
X
X
X
64/32
140000h–14FFFFh
A0000h–A7FFFh
SA21
1
0101
X
X
X
64/32
150000h–15FFFFh
A8000h–AFFFFh
SA22
1
0110
X
X
X
64/32
160000h–16FFFFh
B0000h–B7FFFh
SA23
1
0111
X
X
X
64/32
170000h–17FFFFh
B8000h–BFFFFh
SA24
1
1000
X
X
X
64/32
180000h–18FFFFh
C0000h–C7FFFh
SA25
1
1001
X
X
X
64/32
190000h–19FFFFh
C8000h–CFFFFh
SA26
1
1010
X
X
X
64/32
1A0000h–1AFFFFh
D0000h–D7FFFh
SA27
1
1011
X
X
X
64/32
1B0000h–1BFFFFh
D8000h–DFFFFh
SA28
1
1100
X
X
X
64/32
1C0000h–1CFFFFh
E0000h–E7FFFh
SA29
1
1101
X
X
X
64/32
1D0000h–1DFFFFh
E8000h–EFFFFh
SA30
1
1110
X
X
X
64/32
1E0000h–1EFFFFh
F0000h–F7FFFh
SA31
1
111100
0
8/4
1F0000h–1F1FFFh
F8000h–F8FFFh
SA32
1
111100
1
8/4
1F2000h–1F3FFFh
F9000h–F9FFFh
SA33
1
111101
0
8/4
1F4000h–1F5FFFh
FA000h–FAFFFh
SA34
1
111101
1
8/4
1F6000h–1F7FFFh
FB000h–FBFFFh
SA35
1
111110
0
8/4
1F8000h–1F9FFFh
FC0004–FCFFFh
SA36
1
111110
1
8/4
1FA000h–1FBFFFh
FD000h–FDFFFh
SA37
1
111111
0
8/4
1FC000h–1DFFFFh
FE000h–FEFFFh
SA38
1
111111
1
8/4
1FE000h–1FFFFFh
FF000h–FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com