Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV641DH121REF Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM29LV641DH121REF
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV641DH121REF Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM29LV641DH121REF Datasheet HTML 16Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 17Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 18Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 19Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 20Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 21Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 22Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 23Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
18
Am29LV640D/Am29LV641D
22366C6 January 22, 2007
D A TA
SH EET
Write Protect (WP#)
The Write Protect function provides a hardware
method of protecting the first or last sector without
using V
ID.
If the system asserts V
IL on the WP# pin, the device
disables program and erase functions in the first or last
sector independently of whether those sectors were
protected or unprotected using the method described
in “Sector Group Protection and Unprotection”. Note
that if WP# is at V
IL when the device is in the standby
mode, the maximum input load current is increased.
See the table in “DC Characteristics” on page 34.
If the system asserts V
IH on the WP# pin, the device
reverts to whether the first or last sector was previ-
ously set to be protected or unprotected using the
method described in “Sector Group Protection and
Unprotection” on page 17.
Temporary Sector Group Unprotect
(Note: In this device, a sector group consists of four adjacent
sectors that are protected or unprotected at the same time
(see Table 4 on page 17)).
This feature allows temporary unprotection of previ-
ously protected sector groups to change data in-sys-
tem. The Sector Group Unprotect mode is activated by
setting the RESET# pin to V
ID (8.5 V – 12.5 V). During
this mode, formerly protected sector groups can be
programmed or erased by selecting the sector group
addresses. Once V
ID is removed from the RESET#
pin, all the previously protected sector groups are
protected again. Figure 1, on page 18 shows the algo-
rithm, and Figure 21, on page 44 shows the timing dia-
grams, for this feature.
Figure 1.
Temporary Sector Group
Unprotect Operation
START
Perform Erase or
Program Operations
RESET# = VIH
Temporary Sector
Group Unprotect
Completed (Note 2)
RESET# = V
ID
(Note 1)
Notes:
1. All protected sector groups unprotected (If WP# = VIL,
the first or last sector remains protected).
2. All previously protected sector groups are protected
once again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com