Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV641DH121REF Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM29LV641DH121REF
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV641DH121REF Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM29LV641DH121REF Datasheet HTML 32Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 33Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 34Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 35Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 36Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 37Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 38Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 39Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
34
Am29LV640D/Am29LV641D
22366C6 January 22, 2007
D A TA
SH EET
DC CHARACTERISTICS
CMOS Compatible
Notes:
1. On the WP# pin only, the maximum input load current when WP# = V
IL is ± 5.0 µA.
2. The I
CC current listed is typically less than 2 mA/MHz, with OE# at VIH.
3. Maximum I
CC specifications are tested with VCC = VCCmax.
4. ICC active while Embedded Erase or Embedded Program is in progress.
5. Automatic sleep mode enables the low power mode when addresses remain stable for t
ACC + 30 ns. Typical sleep mode current is
200 nA.
6. If V
IO < VCC, maximum VIL for CE# and DQ I/Os is 0.3 VIO. If VIO < VCC, minimum VIH for CE# and DQ I/Os is 0.7 VIO. Maximum VIH
for these connections is VIO + 0.3 V
7. Not 100% tested.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
I
LI
Input Load Current (Note 1)
V
IN = VSS to VCC,
VCC = VCC max
±1.0
µA
ILIT
A9, ACC Input Load Current
VCC = VCC max; A9 = 12.5 V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC,
V
CC = VCC max
±1.0
µA
ICC1
V
CC Active Read Current
(Notes 2, 3)
CE# = VIL, OE# = VIH
5 MHz
9
16
mA
1 MHz
2
4
I
CC2
V
CC Active Write Current (Notes 3, 4)
CE# = V
IL, OE# = VIH, WE# = VIL
26
30
mA
ICC3
VCC Standby Current (Note 3)
CE#, RESET# = V
CC ± 0.3 V,
WP# = VIH
0.2
5
µA
ICC4
VCC Reset Current (Note 3)
RESET# = VSS ± 0.3 V, WP# = VIH
0.2
5
µA
I
CC5
Automatic Sleep Mode (Notes 3, 5)
VIH = VCC ± 0.3 V;
VIL = VSS ± 0.3 V, WP# = VIH
0.2
5
µA
I
ACC
ACC Accelerated Program Current
CE# = V
IL, OE# = VIH
ACC pin
5
10
mA
VCC pin
15
30
mA
VIL
Input Low Voltage (Note 6)
–0.5
0.8
V
VIH
Input High Voltage (Note 6)
0.7 x VCC
VCC + 0.3
V
VHH
Voltage for ACC Program
Acceleration
VCC = 3.0 V ± 10%
11.5
12.5
V
V
ID
Voltage for Autoselect and Temporary
Sector Unprotect
V
CC = 3.0 V ± 10%
8.5
12.5
V
VOL
Output Low Voltage
IOL = 4.0 mA, VCC = VCC min
0.45
V
VOH1
Output High Voltage
IOH = –2.0 mA, VCC = VCC min
0.8 VIO
V
VOH2
IOH = –100 µA, VCC = VCC min
VIO–0.4
V
VLKO
Low VCC Lock-Out Voltage (Note 7)2.3
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com