Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV641DH121REF Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM29LV641DH121REF
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV641DH121REF Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM29LV641DH121REF Datasheet HTML 21Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 22Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 23Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 24Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 25Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 26Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 27Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 28Page - Advanced Micro Devices AM29LV641DH121REF Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
January 22, 2007 22366C6
Am29LV640D/Am29LV641D
23
D A TA
SH EE T
Table 9.
Primary Vendor-Specific Extended Query
COMMAND DEFINITIONS
Writing specific address and data commands or se-
quences into the command register initiates device op-
erations. Table 10 on page 28 defines the valid
register command sequences. Writing incorrect ad-
dress and data values or writing them in the im-
proper sequence, resets the device to reading array
data.
All addresses are latched on the falling edge of WE#
or CE#, whichever happens later. All data is latched on
the rising edge of WE# or CE#, whichever happens
first. Refer to “AC Characteristics” on page 37 for tim-
ing diagrams.
Reading Array Data
The device is automatically set to reading array data
after device power-up. No commands are required to
retrieve data. The device is ready to read array data
after completing an Embedded Program or Embedded
Erase algorithm.
After the device accepts an Erase Suspend command,
the device enters the erase-suspend-read mode, after
whi c h t he system can read dat a f r om an y
non-erase-suspended sector. After completing a pro-
gramming operation in the Erase Suspend mode, the
system may once again read array data with the same
exception. See “Erase Suspend/Erase Resume Com-
mands” on page 26, for more information.
Addresses (x16)
Data
Description
40h
41h
42h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
0031h
Major version number, ASCII
44h
0033h
Minor version number, ASCII
45h
0000h
Address Sensitive Unlock (Bits 1-0)
00b = Required, 01b = Not Required
Silicon Revision Number (Bits 7-2) 000000b = 0.23 µm Process Technology
46h
0002h
Erase Suspend
00 = Not Supported, 01 = To Read Only, 02 = To Read & Write
47h
0004h
Sector Protect
00 = Not Supported, X = Number of sectors per group
48h
0001h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
0004h
Sector Protect/Unprotect scheme
04 = 29LV800A mode
4Ah
0000h
Simultaneous Operation
00 = Not Supported, XX = Number of Sectors in Bank
4Bh
0000h
Burst Mode Type
00 = Not Supported, 01 = Supported
4Ch
0000h
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page
4Dh
00B5h
ACC (Acceleration) Supply Minimum
Bits 7–4 = Hex Value in Volts, Bits 0–3 = BCD Value in 100 mV
4Eh
00C5h
ACC (Acceleration) Supply Maximum
Bits 7–4 = Hex Value in Volts, Bits 0–3 = BCD Value in 100 mV
4Fh
000Xh
Top/Bottom Boot Sector Flag
00h = Uniform Sector, No WP# Control
04h = Uniform Sector, WP# Protects Bottom Sector
05h = Uniform Sector, WP# Protects Top Sector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com