Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV065DU121REF Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AM29LV065DU121REF
Description  64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065DU121REF Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM29LV065DU121REF Datasheet HTML 46Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 47Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 48Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 49Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 50Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 51Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 52Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 53Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 54Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
52
Am29LV065D
February 16, 2006
REVISION SUMMARY
Revision A (July 27, 2000)
Initial release.
Revision A+1 (August 4, 2000)
Global
Deleted references to the 48-pin reverse TSOP.
Connection Diagrams
Corrected pin 36 on TSOP package to VIO.
Accelerated Program Operation, Unlock Bypass
Command Sequence
Modified caution note regarding ACC input.
Revision A+2 (August 14, 2000)
Ordering Information
Corrected 90 ns entry in V
IO column for FBGA.
Revision A+3 (August 25, 2000)
Table 3, Am29LV065D Autoselect Codes,
(High Voltage Method)
Corrected the SecSI Sector Indicator Bit codes from
80h/00h to 90h/10h.
Revision A+4 (October 19, 2000)
Global
Changed data sheet status to “Preliminary.”
Revision A+5 (November 7, 2000)
Ordering Information
Deleted burn-in option.
Revision A+6 (November 27, 2000)
Pin Description, and Table 11, Write Operation
Status
Deleted references to RY/BY# being available only on
the FBGA package. RY/BY# is also available on the
TSOP package.
Revision A+7 (March 8, 2001)
Global
Deleted “Preliminary” status from document.
Table 4, Sector Group Protection/Unprotection
Address Table
Corrected the sector group address bits for sectors
64–127.
Revision B (January 10, 2002)
Global
Added TSR048 package. Clarified description of Ver-
satileIO (V
IO) in the following sections: Distinctive
Characteristics; General Description; VersatileIO (V
IO)
Control; Operating Ranges; DC Characteristics;
CMOS compatible.
Reduced typical sector erase time from 1.6 s to 0.9 s.
Table 3, Am29LV065D Autoselect Codes,
(High Voltage Method)
Corrected the autoselect code for sector protection
verification.
Sector Group Protection and Unprotection
Deleted reference to previous method of sector protec-
tion and unprotection.
Autoselect Command Sequence
Clarified description of function.
SecSi (Secured Silicon) Sector Flash
Memory Region
Clarified the customer lockable version of this device
can be programmed and protected only once. In Table
5, changed address range in second row.
DC Characteristics
Changed minimum VOH1 from 0.85VIO to 0.8VIO. De-
leted reference to Note 6 for both VOH1 and VOH2.
Erase and Program Operations table
Corrected to indicate t
BUSY specification is a maximum
value.
Erase and Program Performance table
Changed typical sector erase time from 1.6 s to 0.9 s
and typical chip erase time from 205 s to 115 s.
Revision C (March 26, 2004)
SecSi (Secured Silicon) Sector Flash
Memory Region
Modified SecSi Sector protect verify section. Added
algorithm shown in Figure 3.
Common Flash Memory Interface
Modified website for CFI specifications and publica-
tions.
Command Definitions
Modified end of first paragraph to “Writing incorrect
address and data values or writing them in the im-
proper sequence may place the device in an unknown
state. A reset command is required to return the de-
vice to reading array data.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com