Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV065DU121REF Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM29LV065DU121REF
Description  64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065DU121REF Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM29LV065DU121REF Datasheet HTML 9Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 10Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 11Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 12Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 13Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 14Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 15Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 16Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
February 16, 2006
Am29LV065D
13
If RESET# is asserted during a program or erase op-
eration, the RY/BY# pin remains a “0” (busy) until the
internal reset operation is complete, which requires a
time of t
READY (during Embedded Algorithms). The sys-
tem can thus monitor RY/BY# to determine whether
the reset operation is complete. If RESET# is asserted
when a program or erase operation is not executing
(RY/BY# pin is “1”), the reset operation is completed
within a time of t
READY (not during Embedded Algo-
rithms). The system can read data t
RH after the RE-
SET# pin returns to V
IH.
Refer to the AC Characteristics tables for RESET# pa-
rameters and to Figure 15 for the timing diagram.
Output Disable Mode
When the OE# input is at VIH, output from the device is
disabled. The output pins are placed in the high
impedance state.
Table 2.
Sector Address Table
Sector
A22
A21
A20
A19
A18
A17
A16
8-bit Address Range
(in hexadecimal)
SA0
0
0
0
0
0
0
0
000000–00FFFF
SA1
0
0
0
0
0
0
1
010000–01FFFF
SA2
0
0
0
0
0
1
0
020000–02FFFF
SA3
0
0
0
0
0
1
1
030000–03FFFF
SA4
0
0
0
0
1
0
0
040000–04FFFF
SA5
0
0
0
0
1
0
1
050000–05FFFF
SA6
0
0
0
0
1
1
0
060000–06FFFF
SA7
0
0
0
0
1
1
1
070000–07FFFF
SA8
0
0
0
1
0
0
0
080000–08FFFF
SA9
0
0
0
1
0
0
1
090000–09FFFF
SA10
0
0
0
1
0
1
0
0A0000–0AFFFF
SA11
0
0
0
1
0
1
1
0B0000–0BFFFF
SA12
0
0
0
1
1
0
0
0C0000–0CFFFF
SA13
0
0
0
1
1
0
1
0D0000–0DFFFF
SA14
0
0
0
1
1
1
0
0E0000–0EFFFF
SA15
0
0
0
1
1
1
1
0F0000–0FFFFF
SA16
0
0
1
0
0
0
0
100000–10FFFF
SA17
0
0
1
0
0
0
1
110000–11FFFF
SA18
0
0
1
0
0
1
0
120000–12FFFF
SA19
0
0
1
0
0
1
1
130000–13FFFF
SA20
0
0
1
0
1
0
0
140000–14FFFF
SA21
0
0
1
0
1
0
1
150000–15FFFF
SA22
0
0
1
0
1
1
0
160000–16FFFF
SA23
0
0
1
0
1
1
1
170000–17FFFF
SA24
0
0
1
1
0
0
0
180000–18FFFF
SA25
0
0
1
1
0
0
1
190000–19FFFF
SA26
0
0
1
1
0
1
0
1A0000–1AFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com