Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV065DU121REF Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29LV065DU121REF
Description  64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065DU121REF Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29LV065DU121REF Datasheet HTML 6Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 7Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 8Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 9Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 10Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 11Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 12Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 13Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
10
Am29LV065D
February 16, 2006
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29LV065D
U
90R
WH
I
N
OPTIONAL PROCESSING
Blank =
Standard Processing
N
=
16-byte ESN devices
(Contact an AMD representative for more information)
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
F
=
Industrial (–40
°C to +85°C) with Pb-free package
PACKAGE TYPE
E
=
48-Pin Standard Pinout Thin Small Outline Package (TS 048)
WH
=
63-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 11 x 12 mm package (FBE063)
SPEED OPTION
See Product Selector Guide and Valid Combinations
SECTOR ARCHITECTURE
U
=
Uniform sector device
DEVICE NUMBER/DESCRIPTION
Am29LV065D
64 Megabit (8 M x 8-Bit) CMOS Uniform Sector Flash Memory with VersatileIO
™ Control
3.0 Volt-only Read, Program, and Erase
Valid Combinations for TSOP
Packages
Speed/V
IO Range
AM29LV065DU90R,
AM29LV065DU90R
EI, EF
90ns,
V
IO = 3.0 V – 5.0 V
AM29LV065DU101R,
AM29LV065DU101R
100 ns,
V
IO = 1.8 V – 2.9 V
AM29LV065DU120R,
AM29LV065DU120R
EI, EF
120 ns,
V
IO = 3.0 V – 5.0 V
AM29LV065DU121R,
AM29LV065DU121R
120 ns,
V
IO = 1.8 V – 2.9 V
Valid Combinations for FBGA Packages
Speed/
V
IO Range
Order Number
Package
Marking
AM29LV065DU90R
WHI,
WHF
L065DU90R
I,
F
90 ns, V
IO =
3.0 V – 5.0 V
AM29LV065DU101R
L065DU01R
100 ns, V
IO =
1.8 V – 2.9 V
AM29LV065DU120R
WHI,
WHF
L065DU12R
I,
F
120 ns, V
IO =
3.0 V – 5.0 V
AM29LV065DU121R
L065DU21R
120 ns, V
IO =
1.8 V – 2.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com