Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL128G80PEE Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM29PDL128G80PEE
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G80PEE Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM29PDL128G80PEE Datasheet HTML 37Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 38Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 39Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 40Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 41Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 42Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 43Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 44Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
40
Am29PDL128G
October 28, 2004
P R E L IM IN A R Y
DYB Write Command
The DYB Write command is used to set or clear a DYB
for a given sector. The high order address bits
(A21–A11) are issued at the same time as the code
01h or 00h on DQ7-DQ0. All other DQ data bus pins
are ignored during the data write cycle. The DYBs are
modifiable at any time, regardless of the state of the
PPB or PPB Lock Bit. The DYBs are cleared at
power-up or hardware reset.Exiting the DYB Write
command is accomplished by writing the Read/Reset
command.
The DYB Write command is permitted if the SecSi sec-
tor is enabled.
Password Unlock Command
The Password Unlock command is used to clear the
PPB Lock Bit so that the PPBs can be unlocked for
modification, thereby allowing the PPBs to become ac-
cessible for modification. The exact password must be
entered in order for the unlocking function to occur.
This command cannot be issued any faster than 2 µs
at a time to prevent a hacker from running through the
all 64-bit combinations in an attempt to correctly match
a password. If the command is issued before the 2 µs
execution window for each portion of the unlock, the
command is ignored.
The Password Unlock function is accomplished by
writing Password Unlock command and data to the de-
vice to perform the clearing of the PPB Lock Bit. The
password is 64 bits long, so the user must write the
Password Unlock command 2 times for a x32 bit data
bus and 4 times for a x16 data bus.
Once the Password Unlock command is entered, the
RY/BY# pin goes LOW indicating that the device is
busy. Approximately 2 µs is required for each portion
of the unlock. Once the first portion of the password
unlock completes (RY/BY# is not driven and DQ6 does
not toggle when read), the Password Unlock com-
mand is issued again, only this time with the next part
of the password. If WORD# = 1, the second Password
Unlock command is the final command before the PPB
Lock Bit is cleared (assuming a valid password). If
WORD# = 0, this is the fourth Password Unlock com-
mand. In x16 mode, four Password Unlock commands
are required to successfully clear the PPB Lock Bit. As
with the first Password Unlock command, the RY/BY#
signal goes LOW and reading the device results in the
DQ6 pin toggling on successive read operations until
complete. It is the responsibility of the microprocessor
to keep track of the number of Password Unlock com-
mands (2 for x32 bus and 4 for x16 bus), the order,
and when to read the PPB Lock bit to confirm suc-
cessful password unlock
The Password Unlock command is permitted if the
SecSi sector is enabled.
PPB Program Command
The PPB Program command is used to program, or
set, a given PPB. Each PPB is individually pro-
grammed (but is bulk erased with the other PPBs).
The specific sector address (A21–A11) are written at
the same time as the program command 60h with A6
= 0. If the PPB Lock Bit is set and the corresponding
PPB is set for the sector, the PPB Program command
does not execute and the command times-out without
programming the PPB.
After programming a PPB, two additional cycles are
needed to determine whether the PPB has been pro-
grammed with margin. If the PPB has been pro-
grammed without margin, the program command
should be reissued to improve the program margin.
The PPB Program command is permitted if the SecSi
sector is enabled. The PPB Program command does
not follow the Embedded Program algorithm.
All PPB Erase Command
The All PPB Erase command is used to erase all
PPBs in bulk. There is no means for individually eras-
ing a specific PPB. Unlike the PPB program, no spe-
cific sector address is required. However, when the
PPB erase command is written (60h) and A6 = 1, all
Sector PPBs are erased in parallel. If the PPB Lock Bit
is set, the ALL PPB Erase command does not execute
and the command times-out without erasing the PPBs.
After erasing the PPBs, two additional cycles are
needed to determine whether the PPB has been
erased with margin. If the PPBs has been erased with-
out margin, the erase command should be reissued to
improve the program margin.
It is the responsibility of the user to preprogram all
PPBs prior to issuing the All PPB Erase command. If
the user attempts to erase a cleared PPB, over-era-
sure may occur making it difficult to program the PPB
at a later time. Note: The total number of PPB pro-
gram/erase cycles is limited to 100 cycles. Cycling the
PPBs beyond 100 cycles is not guaranteed.
The All PPB Erase command is permitted if the SecSi
sector is enabled.
DYB Write Command
The DYB Write command is used for setting the DYB,
which is a volatile bit that is cleared at hardware reset.
There is one DYB per sector. If the PPB is set, the sec-
tor is protected regardless of the value of the DYB. If
the PPB is cleared, setting the DYB to a 1 protects the
sector from programs or erases. Since this is a volatile
bit, removing power or resetting the device clears the
DYBs. The bank address is latched when the com-
mand is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com