Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL128G80PEE Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # AM29PDL128G80PEE
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G80PEE Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button AM29PDL128G80PEE Datasheet HTML 63Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 64Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 65Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 66Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 67Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 68Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 69Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 70Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 71Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 68 / 71 page
background image
October 28, 2004
Am29PDL128G
67
P R E L IM IN A R Y
PHYSICAL DIMENSIONS
LAB080—80-Ball Fortified Ball Grid Array
15x10mmpackage
0.50 BSC.
N/A
15.00 mm x 10.00 mm
PACKAGE
LAB 080
NOM.
---
---
---
1.40
---
---
MAX.
10.00 BSC.
15.00 BSC.
10
---
MIN.
0.60
0.40
9.00 BSC.
7.00 BSC.
8
80
0.60
0.70
1.00 BSC.
A
0.50
1.00 BSC.
ME
D
JEDEC
PACKAGE
SYMBOL
A
A2
A1
MD
D1
E
E1
φb
N
NOTE
PACKAGE OUTLINE TYPE
DEPOPULATED SOLDER BALLS
MATRIX SIZE E DIRECTION
MATRIX FOOTPRINT
BALL PITCH - D DIRECTION
BALL PITCH - E DIRECTION
BODY SIZE
STANDOFF
BODY SIZE
BODY THICKNESS
PROFILE HEIGHT
BALL DIAMETER
MATRIX SIZE D DIRECTION
BALL COUNT
MATRIX FOOTPRINT
SOLDER BALL PLACEMENT
eD
eE
SD/SE
SIDE VIEW
SEATING PLANE
C
C
0.25
C
0.15
A
D
1.00 ± 0.5
TOP VIEW
2X
B
E
C
0.20
A1
CORNER
A1 CORNER ID.
(INK OR LASER)
0.20
2X
C
BOTTOM VIEW
A1
CORNER
C
6
7
7
SE
E1
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
eD
eE
D1
8
SD
C
AB
NX
φb
φ0.25
φ0.10
M
M
NOTES UNLESS OTHERWISE SPECIFIED:
1.
DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994 .
2.
ALL DIMENSIONS ARE IN MILLIMETERS .
3.
BALL POSITION DESIGNATION PER JESD 95-1, SPP-010
(EXCEPT AS NOTED).
4.
e REPRESENTS THE SOLDER BALL GRID PITCH .
5.
SYMBOL "MD" IS THE BALL ROW MATRIX SIZE IN THE "D"
DIRECTION. SYMBOL "ME" IS THE BALL COLUMN MATRIX SIZE
IN THE "E" DIRECTION. N IS THE TOTAL NUMBER OF SOLDER
BALLS.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C .
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS A
AND B AND DEFINE THE POSITION OF THE CENTER SOLDER
BALL IN THE OUTER ROW. WHEN THERE IS AN ODD NUMBER
OF SOLDER BALLS IN THE OUTER ROW PARALLEL TO THE D
OR E DIMENSION, RESPECTIVELY, SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE
OUTER ROW, SD OR SE = e/2
8.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com