Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL128G80PEE Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # AM29PDL128G80PEE
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G80PEE Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button AM29PDL128G80PEE Datasheet HTML 61Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 62Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 63Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 64Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 65Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 66Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 67Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 68Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 71 page
background image
64
Am29PDL128G
October 28, 2004
P R E L IM IN A R Y
AC CHARACTERISTICS
Alternate CE# Controlled Erase and Program Operations
Notes:
1. Not 100% tested.
2. See the “Erase and Program Operations” on page 57 for more information.
Parameter
Speed Options
JEDEC
Std.
Description
70R, 70
80
90
Unit
t
AVAV
t
WC
Write Cycle Time (Note 1)
Min
70
80
90
ns
t
AVWL
t
AS
Address Setup Time
Min
0
ns
t
ELAX
t
AH
Address Hold Time
Min
45
45
45
ns
t
DVEH
t
DS
Data Setup Time
Min
35
35
45
ns
t
EHDX
t
DH
Data Hold Time
Min
0
ns
t
GHEL
t
GHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
t
WLEL
t
WS
WE# Setup Time
Min
0
ns
t
EHWH
t
WH
WE# Hold Time
Min
0
ns
t
ELEH
t
CP
CE# Pulse Width
Min
35
ns
t
EHEL
t
CPH
CE# Pulse Width High
Min
30
ns
t
WHWH1
t
WHWH1
Programming Operation
(Note 2)
Word
Typ
12.6
µs
Double Word
Typ
16.6
t
WHWH1
t
WHWH1
Accelerated Programming Operation,
Double Word or Word (Note 2)
Typ
10.5
µs
t
WHWH2
t
WHWH2
Sector Erase Operation (Note 2)
Typ
0.2
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com