Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBV-048S024SVF Datasheet(PDF) 2 Page - Inventronics Inc.

Part # EBV-048S024SVF
Description  48W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EBV-048S024SVF Datasheet(HTML) 2 Page - Inventronics Inc.

  EBV-048S024SVF Datasheet HTML 1Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 2Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 3Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 4Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 5Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 6Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 7Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 / 8
Specifications are subject to changes without notice.
48W Constant Voltage IP67 Driver
EBV-048SxxxSVF
Rev. B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Output Specifications
Parameter
Min.
Typ.
Max.
Notes
Output Voltage Tolerance
-5%Vo
-
5%Vo
At 100% load condition
Total Output Voltage Ripple
(pk-avg)
EBV-048S024SVF
EBV-048S036SVF
EBV-048S048SVF
-
-
-
-
-
-
2.0 V
2.5 V
2.5 V
At 0% - 100% load condition. Measured by
20 MHz bandwidth oscilloscope and the
output paralleled a 0.1 μF ceramic
capacitor and a 47 μF electrolytic
capacitor.
Startup Overshoot /
Undershoot
-
-
5%Vo
At 100% load condition
Line Regulation
-
-
±1%
Measured at 100% load
Load Regulation
-
-
±3%
Turn-on Delay Time
-
-
0.5 s
Measured at 220Vac input, 100%load
Load
Dynamic
Response
Output
Deviation
-
-
8%Vo
R/S: 1 A/μs
Load: 25% ~ 100% load.
Settling Time
-
-
10 ms
Temperature Coefficient of Vo
-
0.03%/
C
-
Case temperature = 0
C~Tc max
Note:
All specifications are typical at 25
C unless otherwise stated.
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 220Vac input:
EBV-048S024SVF
EBV-048S036SVF
EBV-048S048SVF
83.0%
84.5%
86.0%
85.0%
86.5%
88.0%
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient
MTBF
-
871,000
Hours
-
Measured at 220Vac input, 80%Load and
25
C ambient temperature (MIL-HDBK-
217F)
Lifetime
-
104,000
Hours
-
Measured at 220Vac input, 80%load and
70
C case temperature; See lifetime vs. Tc
curve for the details
Operating Case Temperature
for Safety Tc_s
-40°C
-
+90°C
Operating Case Temperature
for Warranty Tc_w
-40°C
-
+75
C
Case temperature for 5 years warranty.
Humidity: 10% RH to 100% RH.
Storage Temperature
-40°C
-
+85°C
Humidity: 5%RH to 100%RH
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
5.28 x 1.57 x 0.98
134 x 40.0 x 25.0
With mounting ear
6.1 x 1.57 x 0.98
155 x 40.0 x 25.0
Net Weight
-
340 g
-
Note:
All specifications are typical at 25
C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com