Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBV-048S024SVF Datasheet(PDF) 4 Page - Inventronics Inc.

Part # EBV-048S024SVF
Description  48W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EBV-048S024SVF Datasheet(HTML) 4 Page - Inventronics Inc.

  EBV-048S024SVF Datasheet HTML 1Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 2Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 3Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 4Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 5Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 6Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 7Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 / 8
Specifications are subject to changes without notice.
48W Constant Voltage IP67 Driver
EBV-048SxxxSVF
Rev. B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Derating
Lifetime vs. Case Temperature
Inrush Current Waveform



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com