Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBV-048S024SVF Datasheet(PDF) 1 Page - Inventronics Inc.

Part # EBV-048S024SVF
Description  48W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EBV-048S024SVF Datasheet(HTML) 1 Page - Inventronics Inc.

  EBV-048S024SVF Datasheet HTML 1Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 2Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 3Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 4Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 5Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 6Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 7Page - Inventronics Inc. EBV-048S024SVF Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 / 8
Specifications are subject to changes without notice.
48W Constant Voltage IP67 Driver
EBV-048SxxxSVF
Rev. B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Features
Description
The EBV-048SxxxSVF series is a 48W, constant-voltage IP67 LED driver that operates from 176-305 Vac input
with excellent power factor. It is created for many lighting applications including architectural, decorative and
signage, etc. The high efficiency of the driver and compact metal case enable them to run cooler, significantly
improving reliability and extending product life. To ensure trouble-free operation, protection is provided against
input surge, over current, output over voltage, short circuit, and over temperature.
Models
Output
Voltage
Input
Voltage
Range(1)
Output
Current
Range
Max.
Output
Power(2)
Typical
Efficiency
(3)
Power
Factor
Model Number
220Vac
24 V
176 ~ 305 Vac
190 ~ 250 Vdc
0 ~ 2.0 A
48 W
85.0%
0.96
EBV-048S024SVF
36 V
176 ~ 305 Vac
190 ~ 250 Vdc
0 ~ 1.34 A
48 W
86.5%
0.96
EBV-048S036SVF
48 V
176 ~ 305 Vac
190 ~ 250 Vdc
0 ~ 1.0 A
48 W
88.0%
0.96
EBV-048S048SVF
Notes:
(1) CCC certified input voltage range: 220/230/240 Vac; other certified input voltage range except CCC: 200-240
Vac.
(2) Operating input voltage range: 90-305Vac and 90-176Vac is for safety operation (see below “Derating” curve for
details).
(3) Measured at 100% load and 220Vac input (see below “General Specifications” for details).
Input Specifications
Parameter
Min.
Typ.
Max.
Notes
Input Voltage
176 Vac
-
305 Vac
190 ~ 250 Vdc
Input Frequency
47 Hz
-
63 Hz
Leakage Current
-
-
0.70 mA
IEC60598-1; 240Vac/60Hz
Input AC Current
-
-
0.3 A
Measured at 100% load and 220Vac input.
Inrush Current(I
2t)
-
-
0.029 A
2s
At 220Vac input, 25
C cold start,
duration=1.72 μs, 10%Ipk-10%Ipk. See
Inrush Current Waveform for the details.
PF
0.9
-
-
At 220-240Vac, 50-60Hz, 70%-100%load
(33.6~48W)
THD
-
-
12%
High Efficiency (up to 88%)
Constant Voltage Output
Input Surge Protection: DM 4kV, CM 6kV
All-Around Protection: OCP, OVP, SCP, OTP
Waterproof (IP67)
SELV Output
5 Years Warranty


Similar Part No. - EBV-048S024SVF

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
EBV-02-D MULTICOMP-EBV-02-D Datasheet
162Kb / 2P
Terminal Block, 5.08 mm Pitch
REV A
EBV-02-D. MULTICOMP-EBV-02-D. Datasheet
162Kb / 2P
Terminal Block, 5.08 mm Pitch
REV A
logo
Inventronics Inc.
EBV-036S024SVF INVENTRONICS-EBV-036S024SVF Datasheet
327Kb / 8P
36W Constant Voltage IP67 Driver
Rev. B
EBV-036S036SVF INVENTRONICS-EBV-036S036SVF Datasheet
327Kb / 8P
36W Constant Voltage IP67 Driver
Rev. B
EBV-036S048SVF INVENTRONICS-EBV-036S048SVF Datasheet
327Kb / 8P
36W Constant Voltage IP67 Driver
Rev. B
More results

Similar Description - EBV-048S024SVF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-036SXXXSVF INVENTRONICS-DS-EBV-036SXXXSVF Datasheet
327Kb / 8P
36W Constant Voltage IP67 Driver
Rev. B
DS-EBV-072SXXXSVF INVENTRONICS-DS-EBV-072SXXXSVF Datasheet
350Kb / 8P
72W Constant Voltage IP67 Driver
Rev. B
DS-EBV-075SXXXSV INVENTRONICS-DS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
DS-EBV-250SXXXSV INVENTRONICS-DS-EBV-250SXXXSV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
DS-EBV-400SXXXSV INVENTRONICS-DS-EBV-400SXXXSV Datasheet
523Kb / 10P
400W Constant Voltage IP67 Driver
Rev. D
EUV-150SXXXST INVENTRONICS-EUV-150SXXXST Datasheet
288Kb / 9P
150W Constant Voltage IP67 Driver
Rev. T
EUV-250SXXXSV INVENTRONICS-EUV-250SXXXSV Datasheet
401Kb / 10P
250W Constant Voltage IP67 Driver
Rev. N
EUV-300SXXXSV INVENTRONICS-EUV-300SXXXSV Datasheet
389Kb / 8P
300W Constant Voltage IP67 Driver
Rev. O
LUC-048SXXXDSP INVENTRONICS-LUC-048SXXXDSP Datasheet
934Kb / 8P
48W Constant Current IP66 Driver
Rev. C
ESV-150SXXXST INVENTRONICS-ESV-150SXXXST Datasheet
243Kb / 7P
150W Constant Voltage IP67 Driver
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com