Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M420000055 Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # M420000055
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M420000055 Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button M420000055 Datasheet HTML 17Page - Advanced Micro Devices M420000055 Datasheet HTML 18Page - Advanced Micro Devices M420000055 Datasheet HTML 19Page - Advanced Micro Devices M420000055 Datasheet HTML 20Page - Advanced Micro Devices M420000055 Datasheet HTML 21Page - Advanced Micro Devices M420000055 Datasheet HTML 22Page - Advanced Micro Devices M420000055 Datasheet HTML 23Page - Advanced Micro Devices M420000055 Datasheet HTML 24Page - Advanced Micro Devices M420000055 Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
20
Am42BDS640AG
November 1, 2002
P R E L I M INARY
Bank C
SA35
32 Kwords
100000h-107FFFh
SA36
32 Kwords
108000h-10FFFFh
SA37
32 Kwords
110000h-117FFFh
SA38
32 Kwords
118000h-11FFFFh
SA39
32 Kwords
120000h-127FFFh
SA40
32 Kwords
128000h-12FFFFh
SA41
32 Kwords
130000h-137FFFh
SA42
32 Kwords
138000h-13FFFFh
SA43
32 Kwords
140000h-147FFFh
SA44
32 Kwords
148000h-14FFFFh
SA45
32 Kwords
150000h-157FFFh
SA46
32 Kwords
158000h-15FFFFh
SA47
32 Kwords
160000h-167FFFh
SA48
32 Kwords
168000h-16FFFFh
SA49
32 Kwords
170000h-177FFFh
SA50
32 Kwords
178000h-17FFFFh
SA51
32 Kwords
180000h-187FFFh
SA52
32 Kwords
188000h-18FFFFh
SA53
32 Kwords
190000h-197FFFh
SA54
32 Kwords
198000h-19FFFFh
SA55
32 Kwords
1A0000h-1A7FFFh
SA56
32 Kwords
1A8000h-1AFFFFh
SA57
32 Kwords
1B0000h-1B7FFFh
SA58
32 Kwords
1B8000h-1BFFFFh
SA59
32 Kwords
1C0000h-1C7FFFh
SA60
32 Kwords
1C8000h-1CFFFFh
SA61
32 Kwords
1D0000h-1D7FFFh
SA62
32 Kwords
1D8000h-1DFFFFh
SA63
32 Kwords
1E0000h-1E7FFFh
SA64
32 Kwords
1E8000h-1EFFFFh
SA65
32 Kwords
1F0000h-1F7FFFh
SA66
32 Kwords
1F8000h-1FFFFFh
Table 7.
Sector Address Table (Continued)
Sector
Sector Size
(x16) Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com