Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M420000055 Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # M420000055
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M420000055 Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button M420000055 Datasheet HTML 2Page - Advanced Micro Devices M420000055 Datasheet HTML 3Page - Advanced Micro Devices M420000055 Datasheet HTML 4Page - Advanced Micro Devices M420000055 Datasheet HTML 5Page - Advanced Micro Devices M420000055 Datasheet HTML 6Page - Advanced Micro Devices M420000055 Datasheet HTML 7Page - Advanced Micro Devices M420000055 Datasheet HTML 8Page - Advanced Micro Devices M420000055 Datasheet HTML 9Page - Advanced Micro Devices M420000055 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
November 1, 2002
Am42BDS640AG
5
P R E L I M INARY
PRODUCT SELECTOR GUIDE
MCP BLOCK DIAGRAM
Part Number
Am42BDS640AG
Burst Frequency
54 MHz
40 MHz
Speed Option
VCC, VIO =
1.65 – 1.95 V
D8, D9
C8, C9
Max Initial Synchronous Access Time, ns (tIACC) Reduced
Wait-state Handshaking: Even Address
87.5
95
Max Initial Synchronous Access Time, ns (t
IACC) Reduced
Wait-state Handshaking: Odd Address; or Standard Handshaking
106
120
Max Burst Access Time, ns (t
BACC)13.5
20
Max Asynchronous Access Time, ns (t
ACC)
70
85
Max CE# Access, ns (t
CE)
Max OE# Access, ns (t
OE)13.5
20
Max Access Time, ns (t
ACC)
70
85
Max CE# Access, ns (t
CE)
Max OE# Access, ns (t
OE)35
40
VSS
VCCs
RESET#
WE#
CE#f
OE#
CE1#s
VSS
VCCf/VIOf
RDY
LB#s
UB#s
WP#
CE2s
16 M Bit
Static RAM
64 M Bit
Flash Memory
DQ15 to DQ0
DQ15 to DQ0
DQ15 to DQ0
A21 to A0
A0 to A19
ACC
AVD#
CLK
A19 to A0
A21 to A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com