Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M420000055 Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # M420000055
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M420000055 Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button M420000055 Datasheet HTML 48Page - Advanced Micro Devices M420000055 Datasheet HTML 49Page - Advanced Micro Devices M420000055 Datasheet HTML 50Page - Advanced Micro Devices M420000055 Datasheet HTML 51Page - Advanced Micro Devices M420000055 Datasheet HTML 52Page - Advanced Micro Devices M420000055 Datasheet HTML 53Page - Advanced Micro Devices M420000055 Datasheet HTML 54Page - Advanced Micro Devices M420000055 Datasheet HTML 55Page - Advanced Micro Devices M420000055 Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
November 1, 2002
Am42BDS640AG
51
P R E L I M INARY
AC CHARACTERISTICS
Notes:
1. PA = Program Address, PD = Program Data, VA = Valid
Address for reading status bits.
2. “In progress” and “complete” refer to status of program
operation.
3. A21–A12 are don’t care during command sequence
unlock cycles.
4. CLK can be either V
IL or VIH.
5. The Asynchronous programming operation is
independent of the Set Device Read Mode bit in the Burst
Mode Configuration Register.
6. AVD# must toggle during command sequence if CLK is at
V
IH.
Figure 21.
Asynchronous Program Operation Timings
OE#
CE#f
Data
Addresses
AVD#
WE#
CLK
VCC
555h
PD
tAS
tAVSW
tAVHW
tCSW1
tAH
tWC
tWPH
PA
tVCS
tWP
tDH
tCH
In
Progress
tWHWH1
VA
Complete
VA
Program Command Sequence (last two cycles)
Read Status Data
tDS
VIH
VIL
tAVDP
A0h
tCS
(Note 4)
(Note 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com