Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM10 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM10
Description  Operational Amplifier and Voltage Reference
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM10 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM10 Datasheet HTML 1Page - National Semiconductor (TI) LM10 Datasheet HTML 2Page - National Semiconductor (TI) LM10 Datasheet HTML 3Page - National Semiconductor (TI) LM10 Datasheet HTML 4Page - National Semiconductor (TI) LM10 Datasheet HTML 5Page - National Semiconductor (TI) LM10 Datasheet HTML 6Page - National Semiconductor (TI) LM10 Datasheet HTML 7Page - National Semiconductor (TI) LM10 Datasheet HTML 8Page - National Semiconductor (TI) LM10 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Absolute Maximum Ratings (Notes 1,
8)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
LM10/LM10B/LM10BL/
LM10C
LM10CL
Total Supply Voltage
45V
7V
Differential Input Voltage (Note 2)
±40V
±7V
Power Dissipation (Note 3)
internally limited
Output Short-circuit Duration (Note
4)
continuous
Storage-Temp. Range
−55˚C to +150˚C
Lead Temp. (Soldering, 10 seconds)
Metal Can
300˚C
Lead Temp. (Soldering, 10
seconds) DIP
260˚C
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect on
Product Reliability” for other methods of soldering surface
mount devices.
ESD rating is to be determined.
Maximum Junction Temperature
LM10
150˚C
LM10B
100˚C
LM10C
85˚C
Operating Ratings
Package Thermal Resistance
θ
JA
H Package
150˚C/W
N Package
87˚C/W
WM Package
90˚C/W
θ
JC
H Package
45˚C/W
Electrical Characteristics
T
J=25˚C, TMIN
≤T
J
≤T
MAX (Boldface type refers to limits over temperature range) (Note 5)
Parameter
Conditions
LM10/LM10B
LM10C
Units
Min
Typ
Max
Min
Typ
Max
Input offset voltage
0.3
2.0
0.5
4.0
mV
3.0
5.0
mV
Input offset current
0.25
0.7
0.4
2.0
nA
(Note 6)
1.5
3.0
nA
Input bias current
10
20
12
30
nA
30
40
nA
Input resistance
250
500
150
400
k
Ω
150
115
k
Ω
Large signal voltage
V
S=±20V, IOUT=0
120
400
80
400
V/mV
gain
V
OUT=±19.95V
80
50
V/mV
V
S=±20V, VOUT=±19.4V
50
130
25
130
V/mV
I
OUT=±20 mA (±15 mA)
20
15
V/mV
V
S=±0.6V (0.65V), IOUT=±2 mA
1.5
3.0
1.0
3.0
V/mV
V
OUT=±0.4V (±0.3V), VCM=−0.4V
0.5
0.75
V/mV
Shunt gain (Note 7)
1.2V (1.3V)
≤V
OUT
≤40V,
14
33
10
33
V/mV
R
L=1.1 k
Ω
0.1 mA
≤I
OUT
≤5mA
66
V/mV
1.5V
≤V+≤40V, R
L=250
Ω
8
25
6
25
V/mV
0.1 mA
≤I
OUT
≤20 mA
44
V/mV
Common-mode
−20V
≤V
CM
≤19.15V (19V)
93
102
90
102
dB
rejection
V
S=±20V
87
87
dB
Supply-voltage
−0.2V
≥V−≥−39V
90
96
87
96
dB
rejection
V
+=1.0V (1.1V)
84
84
dB
1.0V (1.1V)
≤V+≤39.8V
96
106
93
106
dB
V
−=−0.2V
90
90
dB
Offset voltage drift
2.0
5.0
µV/˚C
Offset current drift
2.0
5.0
pA/˚C
Bias current drift
T
C<100˚C
60
90
pA/˚C
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com