Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM10 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM10
Description  Operational Amplifier and Voltage Reference
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM10 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM10 Datasheet HTML 1Page - National Semiconductor (TI) LM10 Datasheet HTML 2Page - National Semiconductor (TI) LM10 Datasheet HTML 3Page - National Semiconductor (TI) LM10 Datasheet HTML 4Page - National Semiconductor (TI) LM10 Datasheet HTML 5Page - National Semiconductor (TI) LM10 Datasheet HTML 6Page - National Semiconductor (TI) LM10 Datasheet HTML 7Page - National Semiconductor (TI) LM10 Datasheet HTML 8Page - National Semiconductor (TI) LM10 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM10
Operational Amplifier and Voltage Reference
General Description
The LM10 series are monolithic linear ICs consisting of a
precision reference, an adjustable reference buffer and an
independent, high quality op amp.
The unit can operate from a total supply voltage as low as
1.1V or as high as 40V, drawing only 270µA. A complemen-
tary output stage swings within 15 mV of the supply termi-
nals or will deliver ±20 mA output current with ±0.4V satu-
ration. Reference output can be as low as 200 mV.
The circuit is recommended for portable equipment and is
completely specified for operation from a single power cell.
In contrast, high output-drive capability, both voltage and
current, along with thermal overload protection, suggest it in
demanding general-purpose applications.
The device is capable of operating in a floating mode, inde-
pendent of fixed supplies. It can function as a remote com-
parator, signal conditioner, SCR controller or transmitter for
analog signals, delivering the processed signal on the same
line used to supply power. It is also suited for operation in a
wide range of voltage- and current-regulator applications,
from low voltages to several hundred volts, providing greater
precision than existing ICs.
This series is available in the three standard temperature
ranges, with the commercial part having relaxed limits. In
addition, a low-voltage specification (suffix “L”) is available in
the limited temperature ranges at a cost savings.
Features
n
input offset voltage:
2.0 mV (max)
n
input offset current:
0.7 nA (max)
n
input bias current:
20 nA (max)
n
reference regulation:
0.1% (max)
n
offset voltage drift:
2µV/˚C
n
reference drift:
0.002%/˚C
Connection and Functional Diagrams
Metal Can Package (H)
00565201
Order Number LM10BH, LM10CH,
LM10CLH or LM10H/883
available per SMA# 5962-8760401
See NS Package Number H08A
Small Outline Package (WM)
00565217
Order Number LM10CWM or LM10CWMX
See NS Package Number M14B
Dual-In-Line Package (N)
00565215
Order Number LM10CN or LM10CLN
See NS Package Number N08E
00565216
August 2000
© 2004 National Semiconductor Corporation
DS005652
www.national.com


Similar Part No. - LM10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
Operational Amplifier and Voltage Reference
logo
Linear Technology
LM10 LINER-LM10 Datasheet
786Kb / 16P
Low Power Op Amp and Reference
logo
Cynergy3 Co
LM10 CYNERGY3-LM10 Datasheet
300Kb / 1P
switch for turbulent liquids & confined spaces
logo
Texas Instruments
LM10 TI-LM10 Datasheet
2Mb / 34P
LM10 Operational Amplifier and Voltage Reference
logo
List of Unclassifed Man...
LM10 ETC-LM10 Datasheet
449Kb / 1P
HIGH PRECISION PLATE RESISTORS
More results

Similar Description - LM10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
Dual Operational Amplifier and Voltage Reference
02-Apr-2004
TSM107 STMICROELECTRONICS-TSM107 Datasheet
80Kb / 5P
Triple Operational Amplifier and Voltage Reference
01-Dec-2004
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
Texas Instruments
LM10CLN TI-LM10CLN Datasheet
2Mb / 34P
LM10 Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10 NSC-LM10_14 Datasheet
2Mb / 34P
LM10 Operational Amplifier and Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
Dual Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10 TI1-LM10 Datasheet
3Mb / 37P
Operational Amplifier and Voltage Reference
LM10QML TI1-LM10QML_14 Datasheet
1Mb / 28P
Operational Amplifier and Voltage Reference
LM10-MIL TI1-LM10-MIL Datasheet
2Mb / 29P
Operational Amplifier and Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com