Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM10 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM10
Description  Operational Amplifier and Voltage Reference
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM10 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM10 Datasheet HTML 1Page - National Semiconductor (TI) LM10 Datasheet HTML 2Page - National Semiconductor (TI) LM10 Datasheet HTML 3Page - National Semiconductor (TI) LM10 Datasheet HTML 4Page - National Semiconductor (TI) LM10 Datasheet HTML 5Page - National Semiconductor (TI) LM10 Datasheet HTML 6Page - National Semiconductor (TI) LM10 Datasheet HTML 7Page - National Semiconductor (TI) LM10 Datasheet HTML 8Page - National Semiconductor (TI) LM10 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Electrical Characteristics (Continued)
T
J=25˚C, TMIN
≤T
J
≤T
MAX (Boldface type refers to limits over temperature range) (Note 5)
Parameter
Conditions
LM10/LM10B
LM10C
Units
Min
Typ
Max
Min
Typ
Max
Line regulation
1.2V (1.3V)
≤V
S
≤40V
0.001
0.003
0.001
0.008
%/V
0
≤I
REF
≤1.0 mA, V
REF=200 mV
0.006
0.01
%/V
Load regulation
0
≤I
REF
≤1.0 mA
0.01
0.1
0.01
0.15
%
V
+−V
REF
≥1.0V (1.1V)
0.15
0.2
%
Amplifier gain
0.2V
≤V
REF
≤35V
50
75
25
70
V/mV
23
15
V/mV
Feedback sense
195
200
205
190
200
210
mV
voltage
194
206
189
211
mV
Feedback current
20
50
22
75
nA
65
90
nA
Reference drift
0.002
0.003
%/˚C
Supply current
270
400
300
500
µA
500
570
µA
Supply current
change
1.2V (1.3V)
≤V
S
≤40V
15
75
15
75
µA
Electrical Characteristics
T
J=25˚C, TMIN
≤T
J
≤T
MAX (Boldface type refers to limits over temperature range) (Note 5)
Parameter
Conditions
LM10BL
LM10CL
Units
Min
Typ
Max
Min
Typ
Max
Input offset voltage
0.3
2.0
0.5
4.0
mV
3.0
5.0
mV
Input offset current
0.1
0.7
0.2
2.0
nA
(Note 6)
1.5
3.0
nA
Input bias current
10
20
12
30
nA
30
40
nA
Input resistance
250
500
150
400
k
Ω
150
115
k
Ω
Large signal voltage
V
S=±3.25V, IOUT=0
60
300
40
300
V/mV
gain
V
OUT=±3.2V
40
25
V/mV
V
S=±3.25V, IOUT=10 mA
10
25
5
25
V/mV
V
OUT=±2.75 V
43
V/mV
V
S=±0.6V (0.65V), IOUT=±2 mA
1.5
3.0
1.0
3.0
V/mV
V
OUT=±0.4V (±0.3V), VCM=−0.4V
0.5
0.75
V/mV
Shunt gain (Note 7)
1.5V
≤V+≤6.5V, R
L=500
Ω
8
30
6
30
V/mV
0.1 mA
≤I
OUT
≤10 mA
44
V/mV
Common-mode
−3.25V
≤V
CM
≤2.4V (2.25V)
89
102
80
102
dB
rejection
V
S=±3.25V
83
74
dB
Supply-voltage
−0.2V
≥V−≥−5.4V
86
96
80
96
dB
rejection
V
+=1.0V (1.2V)
80
74
dB
1.0V (1.1V)
≤V+≤6.3V
94
106
80
106
dB
V
−=0.2V
88
74
dB
Offset voltage drift
2.0
5.0
µV/˚C
Offset current drift
2.0
5.0
pA/˚C
Bias current drift
60
90
pA/˚C
Line regulation
1.2V (1.3V)
≤V
S
≤6.5V
0.001
0.01
0.001
0.02
%/V
0
≤I
REF
≤0.5 mA, V
REF=200 mV
0.02
0.03
%/V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com