Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8366MSSC-R1 Datasheet(PDF) 9 Page - Wuxi Chipown Micro-electronics limited

Part # PN8366MSSC-R1
Description  Ultra-low standby power consumption quasi-resonant primary-side feedback AC-DC converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8366MSSC-R1 Datasheet(HTML) 9 Page - Wuxi Chipown Micro-electronics limited

  PN8366MSSC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8366MSSC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8366MSSC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8366MSSC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8366MSSC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8366MSSC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8366MSSC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8366MSSC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8366MSSC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PN8366
无锡新区 龙山路 旺庄科技创业中心
C 幢 13 层
电话:+86(510)85217718
网址:
http://www.chipown.com.cn
Rev.A.1508
9 / 9
封装尺寸
表 6. SOP-7 封装尺寸
尺寸
符号
最小(mm)
正常(mm)
最大(mm)
尺寸
符号
最小(mm)
正常(mm)
最大(mm)
A
—
—
1.75
D
4.70
4.90
5.10
A1
0.10
0.15
0.225
E
5.80
6.00
6.20
A2
1.30
1.40
1.50
E1
3.70
3.90
4.10
A3
0.60
0.65
0.70
e
1.27 BSC
b
0.39
—
0.48
h
0.25
—
0.50
b1
0.38
0.41
0.43
L
0.50
—
0.80
c
0.21
—
0.26
L1
1.05BSC
c1
0.19
0.20
0.21
θ
0°
—
8°
图 5. 外形示意图
订购代码
表层丝印
封装
PN8366MSSC-R1
PN8366
YWWMXXXX
SOP-7
PN8366HSSC-R1
PN8366
YWWHXXXX
SOP-7
备注:
Y:年份代码; WW:周代码; XXXX:内部代码



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com