Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8366MSSC-R1 Datasheet(PDF) 1 Page - Wuxi Chipown Micro-electronics limited

Part # PN8366MSSC-R1
Description  Ultra-low standby power consumption quasi-resonant primary-side feedback AC-DC converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8366MSSC-R1 Datasheet(HTML) 1 Page - Wuxi Chipown Micro-electronics limited

  PN8366MSSC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8366MSSC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8366MSSC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8366MSSC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8366MSSC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8366MSSC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8366MSSC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8366MSSC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8366MSSC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PN8366
Chipown
无锡新区 龙山路 旺庄科技创业中心
C 幢 13 层
电话:+86(510)85217718
网址:
http://www.chipown.com.cn
Rev.A.1508
1 / 9
超低待机功耗准谐振原边反馈交直流转换器
概述
PN8366集成超低待机功耗准谐振原边控制器及高雪崩能力智能功率MOSFET(PN8366M 700V,PN8366H 800V),用于高性
能、外围元器件精简的充电器、适配器和内置电源。
PN8366为原边反馈工作模式,可省略光耦和TL431。内置高压启动电路,
可实现芯片空载损耗(
230VAC)小于30mW。在恒压模式,采用准谐振与多模式技术提高效率并消除音频噪声,使得系统满
足
6级能效标准,可调输出线补偿功能能使系统获得较好的负载调整率;在恒流模式,输出电流和功率可通过CS脚的电阻进行
调节。该芯片提供了极为全面的智能保护功能,包含逐周期过流保护、过压保护、开环保护、过温保护、输出短路保护和
CS
开
/短路保护等。
应用领域
■ 开关电源适配器
■ 电池充电器
■ 机顶盒电源
产品特性
■
内置高雪崩能力智能功率
MOSFET(M 700V/H 800V)
■
内置高压启动电路,小于
30mW空载损耗(230VAC)
■
采用准谐振与多模式技术提高效率,满足
6级能效标准
■
全电压输入范围
±5%的CC/CV精度
■
原边反馈可省光耦和
TL431
■
恒压、恒流、输出线补偿外部可调
■
无需额外补偿电容
■
无音频噪声
■
智能保护功能
过温保护
(OTP)
VDD欠压&过压保护 (UVLO&OVP)
逐周期过流保护
(OCP)
CS开/短路保护 (CS O/SP)
开环保护
(OLP)
典型应用
输出特性
封装/订购信息
典型功率
订购代码
封装
85~265 VAC
PN8366MSSC-R1
SOP-7
6W
PN8366HSSC-R1
SOP-7
6W
Snubber
AC
85~265V
DC
Output
FB
GND
Cable
comp
CC/CV
control
OTP
Block
HV
Startup
PW M Switch
&Gate Driver
SUPPLY
&UVLO
VDD
SW
PN8366
OCP
CS


Similar Part No. - PN8366MSSC-R1

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8360 MALLORY-PN8360 Datasheet
683Kb / 8P
MSD Pro-Billet Ready-to-Run Distributor
PN83606 MALLORY-PN83606 Datasheet
309Kb / 8P
MSD Ready-to-Run Marine V8 Distributor
PN8361 MALLORY-PN8361 Datasheet
489Kb / 8P
MSD Pro-Billet Chevrolet V8 Distributor
PN8362 MALLORY-PN8362 Datasheet
260Kb / 2P
Street Fire HEI Distributor, Chevy V8
PN8363 MALLORY-PN8363 Datasheet
526Kb / 8P
MSD Pro-Billet Distributor
More results

Similar Description - PN8366MSSC-R1

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5571 FUJI-FA5571 Datasheet
209Kb / 2P
Low Standby Power Quasi-Resonant Controller
logo
Shenzhen Winsemi Microe...
WS2585 WINSEMI-WS2585 Datasheet
198Kb / 9P
WS2585 Low Power Primary Side AC/DC Converter
logo
ON Semiconductor
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30080 ONSEMI-NCL30080_15 Datasheet
210Kb / 25P
Quasi-Resonant Primary Side Current-Mode Controller
January, 2015 ??Rev. 3
NCL30082 ONSEMI-NCL30082_15 Datasheet
361Kb / 35P
Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
logo
Rohm
BD7682FJ-LB ROHM-BD7682FJ-LB_16 Datasheet
1Mb / 31P
Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
logo
AiT Semiconductor Inc.
AP8366 AITSEMI-AP8366 Datasheet
705Kb / 14P
AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
REV1.2
logo
Renesas Technology Corp
IW9809 RENESAS-IW9809 Datasheet
513Kb / 7P
RapidChargeTM AC/DC Primary-Side Digital Quasi-Resonant Flyback Controller for Secondary-Side Regulation
23-Feb-2022
IW9860 RENESAS-IW9860 Datasheet
462Kb / 7P
Zero Standby Power AC/DC Digital Quasi-Resonant Flyback Controller for RapidChargeTM
01-Jul-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com