Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8366HSSC-R1 Datasheet(PDF) 8 Page - Wuxi Chipown Micro-electronics limited

Part # PN8366HSSC-R1
Description  Ultra-low standby power consumption quasi-resonant primary-side feedback AC-DC converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8366HSSC-R1 Datasheet(HTML) 8 Page - Wuxi Chipown Micro-electronics limited

  PN8366HSSC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8366HSSC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8366HSSC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8366HSSC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8366HSSC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8366HSSC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8366HSSC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8366HSSC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8366HSSC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PN8366
无锡新区 龙山路 旺庄科技创业中心
C 幢 13 层
电话:+86(510)85217718
网址:
http://www.chipown.com.cn
Rev.A.1508
8 / 9
6. 基准负温度补偿
如图
3所示,FB采样电压为
()
S
AUX
O
FB
N
R
R
N
R
K
V
V
K
V
×
+
×
=
Δ
+
=
)
2
1
(
2
,
(
5)
其中
V
△ 随着温度上升而变小,
K为定值。
PN8366的VREF_CV电压基准采用负温度补偿技术,常温下,VREF_CV电压基准为2.5V;芯片温度上升时,VREF_CV
电压基准值随着温度上升而变小,可以使
V
△ 随着温度上升而变小得到补偿,让输出电压
Vo在全温度范围内恒定,
提高了恒压输出精度。
7. 准谐振模式
PN8366包含一个独特的准谐振开关电路。在CV工作状态下,这个电路检测每一个谐振周期的谷底位置,
让芯片每个开关周期都在谷底导通。这个独特的电路可以减少系统的开关损耗。同时,准谐振模式可以让芯
片的开关频率在不同的开关周期之间轻微的变化,提高
EMI的裕量。
图
4 准谐振模式
8. 保护控制
PN8366含有丰富的保护功能,包括:逐周期过流保护、过压保护、过温保护、开环保护、输出短路保护、CS
电阻开
/短路保护、VDD欠压锁定保护功能,并且这些保护具有自恢复模式。



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com