Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8366HSSC-R1 Datasheet(PDF) 2 Page - Wuxi Chipown Micro-electronics limited

Part # PN8366HSSC-R1
Description  Ultra-low standby power consumption quasi-resonant primary-side feedback AC-DC converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8366HSSC-R1 Datasheet(HTML) 2 Page - Wuxi Chipown Micro-electronics limited

  PN8366HSSC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8366HSSC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8366HSSC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8366HSSC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8366HSSC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8366HSSC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8366HSSC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8366HSSC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8366HSSC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PN8366
无锡新区 龙山路 旺庄科技创业中心
C 幢 13 层
电话:+86(510)85217718
网址:
http://www.chipown.com.cn
Rev.A.1508
2 / 9
管脚定义
表 1. 管脚定义
管脚标号
管脚名
管脚功能描述
1
VDD
工作电压输入引脚
2
NC
空脚
3
FB
反馈引脚,辅助绕组电压通过电阻反馈稳定输出
4
CS
电流检测引脚
5、6
SW
智能功率
MOSFET Drain端引脚,跟变压器初级相连
7
GND
地电位
典型功率
表 2. 典型功率
密闭环境(1)
产品型号
85-265 VAC
PN8366
6W
备注:
1. 最大输出典型功率是在密闭式 45°C 环境条件下测试,具备足够的散热条件。
极限工作范围
VDD 脚耐压……...……………………………………………………………………….…………………….….-0.3~40V
SW 脚耐压(PN8366M)…………………………………………………………………………..…………………650V
SW 脚耐压(PN8366H)…………………………………………………………………………..…………………790V
FB,CS 脚耐压……………………………………………………………………………….……….………..……-0.3~5.5V
结工作温度范围
……………………………………………………………………………………………………-40~150℃
存储温度范围
…………………………………………………………………………….…………………………-55~150℃
封装热阻
(SOP-7)……………………………...…………………...……. ………..………………………….…... 80°C/W
管脚焊接温度
(10秒) ……………………………………………………………….………………………………260℃
ESD 能力(1) (HBM, ESDA/JEDEC JDS-001-2014)………………………………………………………………….4.0kV
最大漏极脉冲电流
…………..……………………………………………………………..…………………………1.0A
备注:
1. 产品委托第三方严格按照芯片级 ESD 标准(ESDA/JEDEC JDS-001-2014)中的测试方式和流程进行测试。



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com